Electronic Components Datasheet Search
  English  ▼

X  

MIC2298 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2298
Description  3.5A Minimum, 1MHz Boost High Brightness White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2298 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2298 Datasheet HTML 4Page - Micrel Semiconductor MIC2298 Datasheet HTML 5Page - Micrel Semiconductor MIC2298 Datasheet HTML 6Page - Micrel Semiconductor MIC2298 Datasheet HTML 7Page - Micrel Semiconductor MIC2298 Datasheet HTML 8Page - Micrel Semiconductor MIC2298 Datasheet HTML 9Page - Micrel Semiconductor MIC2298 Datasheet HTML 10Page - Micrel Semiconductor MIC2298 Datasheet HTML 11Page - Micrel Semiconductor MIC2298 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel, Inc.
MIC2298
October 2007
8
M9999-101707-B
Over-Voltage Protection
The MIC2298 offers over-voltage protection functionality.
If an LED is disconnected from the circuit or the
feedback pin is shorted to ground, the feedback pin will
fall to ground potential. This will cause the MIC2298 to
switch at full duty cycle in an attempt to maintain the
feedback voltage. As a result, the output voltage will
climb out of control. This may cause the switch node
voltage to exceed its maximum voltage rating, possibly
damaging the IC and the external components. To
ensure the highest level of protection, the MIC2298 OVP
pin will shut the switch off when an over-voltage
condition is detected, saving itself and the output
capacitor from damage. The OVP threshold can be
increased by adding a resistor divider between the
output and ground. Be careful not to exceed the 30V
rating of the switch.
Figure 4. Adjustable OVP Circuit
Brightness Control
Pin Brightness Functionality
BRT Pin
VFB (V)
OPEN
200mV or VSS/DIM
GND
40mV
≥20kΩ to 100kΩ
[RBRT] to GND
(10µA × RBRT)/5
SS/DIM Pin
VFB (V)
OPEN
200mV
Voltage v
VFB = v
Table 1. BRT and SS/DIM Brightness Control Functionality
The
MIC2298
has
built
in
brightness/dimming
functionally for white LED applications. The BRT and
SS/DIM pins are available for brightness/dimming control
functionality. Table 1 illustrates the different modes of
dimming functionality afforded by the BRT and SS/DIM
pins. The resulting LED current is then calculated as:
ILED = VFB/RSENSE
Hence, a 200m
Ω sense resistor will achieve nominally
1A when both DIM and BRT pins are left open.
PWM control of brightness
A control signal can be driven into the enable pin to vary
average current through the LED for applications not
sensitive to low frequency (~100Hz) light modulation.
For such applications, the SS/DIM pin capacitance
should be minimized to achieve a fast turn on time. 0nF
will achieve approximately 1.5ms with a CCOMP value of
33nF.
For other applications, where no analog control voltage
is available, the BRT pin can be driven through a low
pass filter (18kΩ and 470nF) at a PWM frequency of
>5kHz to set the FB voltage, and therefore, the LED
current from 20% to 100% of Nominal LED current
(Figure 5).
Figure 5. High Frequency PWM Programming
Via BRT Pin
Since the DIM pin is typically utilized for soft start, it is
recommended to use the enable and BRT pins for the
PWM method of adjusting the average LED current.
Figures 6 and 7 below show typical results for this
method.
Figure 6. LED Current vs. DC (on enable pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com