Electronic Components Datasheet Search
  English  ▼

X  

TK500AE Datasheet(PDF) 5 Page - Texas Instruments

Part # TK500AE
Description  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TK500AE Datasheet(HTML) 5 Page - Texas Instruments

  TK500AE Datasheet HTML 1Page - Texas Instruments TK500AE Datasheet HTML 2Page - Texas Instruments TK500AE Datasheet HTML 3Page - Texas Instruments TK500AE Datasheet HTML 4Page - Texas Instruments TK500AE Datasheet HTML 5Page - Texas Instruments TK500AE Datasheet HTML 6Page - Texas Instruments TK500AE Datasheet HTML 7Page - Texas Instruments TK500AE Datasheet HTML 8Page - Texas Instruments TK500AE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
TS3L500AE
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH
WITH LED SWITCH AND ENHANCED ESD PROTECTION
SCDS246 – JUNE 2007
for 1000 Base-T Ethernet switching over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2) MAX
UNIT
VIK
SEL
VCC = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VCC = 3.6 V,
VIN = VDD
±1
μA
IIL
SEL
VCC = 3.6 V,
VIN = GND
±1
μA
IOFF
SEL
VCC = 0 V,
VIN = 0 to 3.6 V
±1
μA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
250
600
μA
CIN
SEL
f = 1 MHz,
VIN = 0
2
2.5
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
3
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
9
9.8
pF
ron
VCC = 3 V,
1.5 V
≤ V
I ≤ VCC,
IO = –40 mA
4
8
Ω
ron(flat)
(3)
VCC = 3 V,
VI = 1.5 V and VCC,
IO = –40 mA
0.7
Ω
Δron
(4)
VCC = 3 V,
1.5 V
≤ V
I ≤ VCC,
IO = –40 mA
0.2
1.2
Ω
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
ron(flat) is the difference of ron in a given channel at specified voltages.
(4)
Δron is the difference of ron from center (A4, A5) ports to any other port.
for 10/100 Base-T Ethernet switching over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VCC = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VCC = 3.6 V,
VIN = VDD
±1
μA
IIL
SEL
VCC = 3.6 V,
VIN = GND
±1
μA
IOFF
SEL
VCC = 0 V,
VIN = 0 to 3.6 V
±1
μA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
250
600
μA
CIN
SEL
f = 1 MHz,
VIN = 0
2
2.5
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
3
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
9
9.8
pF
ron
VCC = 3 V,
1.25 V
≤ V
I ≤ VCC,
IO = –10 mA to –30 mA
4
6
Ω
ron(flat)
(3)
VCC = 3 V,
VI = 1.25 V and VCC,
IO = –10 mA to –30 mA
0.5
Ω
Δron
(4)
VCC = 3 V,
1.25 V
≤ V
I ≤ VCC,
IO = –10 mA to –30 mA
0.4
1
Ω
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
ron(flat) is the difference of ron in a given channel at specified voltages.
(4)
Δron is the difference of ron from center (A4, A5) ports to any other port.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com