Electronic Components Datasheet Search
  English  ▼

X  

TK500AE Datasheet(PDF) 12 Page - Texas Instruments

Part # TK500AE
Description  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TK500AE Datasheet(HTML) 12 Page - Texas Instruments

Back Button TK500AE Datasheet HTML 8Page - Texas Instruments TK500AE Datasheet HTML 9Page - Texas Instruments TK500AE Datasheet HTML 10Page - Texas Instruments TK500AE Datasheet HTML 11Page - Texas Instruments TK500AE Datasheet HTML 12Page - Texas Instruments TK500AE Datasheet HTML 13Page - Texas Instruments TK500AE Datasheet HTML 14Page - Texas Instruments TK500AE Datasheet HTML 15Page - Texas Instruments TK500AE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Network Analyzer
(HP8753ES)
RL = 100 Ω
EXT TRIGGER
BIAS
P1
P2
DUT
A0
SEL
0B1
VSEL
VCC
VBIAS
0B2
A1
1B1
1B2
HP8753ES Setup
TS3L500AE
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH
WITH LED SWITCH AND ENHANCED ESD PROTECTION
SCDS246 – JUNE 2007
A.
CL includes probe and jig capacitance.
B.
A 50-
Ω termination resistor is needed to match the loading of the network analyzer.
Figure 9. Test Circuit for OFF Isolation (OIRR)
OFF isolation is measured at the output of the OFF channel. For example, when VSEL = GND and A1 is the
input, the output is measured at 1B2. All unused analog input (A) ports are connected to ground, and output (B)
ports are left open.
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com