Electronic Components Datasheet Search
  English  ▼

X  

TK500AE Datasheet(PDF) 1 Page - Texas Instruments

Part # TK500AE
Description  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TK500AE Datasheet(HTML) 1 Page - Texas Instruments

  TK500AE Datasheet HTML 1Page - Texas Instruments TK500AE Datasheet HTML 2Page - Texas Instruments TK500AE Datasheet HTML 3Page - Texas Instruments TK500AE Datasheet HTML 4Page - Texas Instruments TK500AE Datasheet HTML 5Page - Texas Instruments TK500AE Datasheet HTML 6Page - Texas Instruments TK500AE Datasheet HTML 7Page - Texas Instruments TK500AE Datasheet HTML 8Page - Texas Instruments TK500AE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
APPLICATIONS
TQFN PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
45
31
30
29
40
39
38
37
36
35
34
33
32
44
43
42
41
48
46
47
GND
A0
A1
VCC
NC
GND
A2
A3
GND
VCC
A4
A5
GND
A6
A7
GND
SEL
VCC
LED0
LED1
0B1
1B1
0B2
1B2
GND
2B1
3B1
2B2
3B2
GND
VCC
4B1
5B1
4B2
5B2
GND
6B1
7B1
6B2
7B2
DESCRIPTION/ORDERING INFORMATION
TS3L500AE
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH
WITH LED SWITCH AND ENHANCED ESD PROTECTION
SCDS246 – JUNE 2007
• Wide Bandwidth (BW = 950 MHz Typ)
• Low Crosstalk (X
TALK = –37 dB Typ)
• Low Bit-to-Bit Skew (t
sk(o) = 100 ps Max)
• Low and Flat ON-State Resistance
(ron = 4 Ω Typ, ron(flat) = 0.5 Ω Typ)
• Low Input/Output Capacitance
(CON = 8 pF Typ)
• Rail-to-Rail Switching on Data I/O Ports
(0 to 3.6 V)
• V
CC Operating Range From 3 V to 3.6 V
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
–
8-kV IEC61000-4-2, Contact Discharge on
Switch IOs
–
> 3-kV Human Body Model on SEL
• 10/100/1000 Base-T Signal Switching
• Differential (LVDS, LVPECL) Signal Switching
• Audio/Video Switching
• Hub and Router Signal Switching
The TS3L500AE is a 16-bit to 8-bit multiplexer/demultiplexer LAN switch with a single select (SEL) input. SEL
controls the data path of the multiplexer/demultiplexer. The device provides additional I/Os for switching status
indicating LED signals and includes high ESD protection.
The device provides a low and flat ON-state resistance (ron) and an excellent ON-state resistance match. Low
input/output capacitance, high bandwidth, low skew, and low crosstalk among channels make this device
suitable for various LAN applications, such as 10/100/1000 Base-T.
This device can be used to replace mechanical relays in LAN applications. It also can be used to route signals
from a 10/100 Base-T ethernet transceiver to the RJ-45 LAN connectors in laptops or in docking stations.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
TQFN
Tape and reel
TS3L500AERHUR
TK500AE
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TK500AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TK500 TI-TK500 Datasheet
330Kb / 15P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
More results

Similar Description - TK500AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
252Kb / 16P
16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
03-May-2005
logo
Texas Instruments
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
09-Nov-2011
STMUX1800L STMICROELECTRONICS-STMUX1800L Datasheet
509Kb / 21P
16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
22-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com