Electronic Components Datasheet Search
  English  ▼

X  

TPMC632-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC632-DOC
Description  Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC632-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC632-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC632-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC632-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TPMC632
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
TPMC632-10R
TPMC632-19R without heat sink
Application Information
The TPMC632 is a standard single-width 32 bit PMC
module providing a user configurable XC6SLX45T-2 or
XC6SLX100T-2 Spartan-6 FPGA. The integrated Spartan-
6’s PCIe Endpoint Block is connected to a PCIe-to-PCI
Bridge which routed to the PMC PCI Interface.
Different variants of the TPMC632 provide ESD-protected
TTL
lines,
ESD-protected
differential
I/O
lines
and
differential Multipoint-LVDS lines. Also combination of 32
TTL and 16 differential I/O lines are supported.
All lines are individually programmable as input, output or
tri-state. The receivers are always enabled, which allows
determining the state of each I/O line at any time. This can
be used as read back function for lines configured as
outputs. Each TTL I/O line has a pull resistor. The pull
voltage level is selectable to be either +3.3V, +5V and
additionally GND. The differential I/O lines are terminated
by 120
Ω resistors and the differential Multipoint-LVDS
lines are terminated by 100
Ω resistors.
The FPGA is connected to a 128 Mbytes, 16 bit wide
DDR3 SDRAM. The SDRAM-interface uses a hardwired
internal Memory Controller Block of the Spartan-6.
The FPGA is configured by a platform flash or SPI flash.
Both configuration flashes are in-system programmable.
An in-circuit debugging option is available via a JTAG
header for read back and real-time debugging of the
FPGA design (using Xilinx “ChipScope”).
The TPMC632 provides front panel I/O via a HD68 SCSI-3
type connector and rear panel I/O via P14.
User applications for the TPMC632 with XC6SLX45T-2
FPGA can be developed using the design software ISE
WebPACK which can be downloaded free of charge from
www.xilinx.com. The larger FPGA densities require a full
licensed ISE Design Suite.
TEWS offers an FPGA Development Kit (TPMC632-FDK)
which consists of well documented basic example design.
It includes an .ucf file with all necessary pin assignments
and basic timing constraints. The example design covers
the main functionalities of the TPMC632. It implements a
DMA capable PCIe endpoint with interrupt support,
register mapping, DDR3 memory access and basic I/O. It
comes as a Xilinx ISE project with source code and as a
ready-to-download bitstream.
Please note: The basic example design requires the
Embedded Development Kit (EDK), which is part of the
Embedded or System Edition of the ISE Design Suite from
Xilinx (downloadable from www.xilinx.com, a 30 day
evaluation license is available).
Software
Support
(TDRV015-SW-xx)
for
different
operating systems is available.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC632-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC630 TEWS-TPMC630 Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
TPMC630-10 TEWS-TPMC630-10 Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
TPMC630-10R TEWS-TPMC630-10R Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
TPMC630-11 TEWS-TPMC630-11 Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
TPMC630-11R TEWS-TPMC630-11R Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
More results

Similar Description - TPMC632-DOC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217 Datasheet
150Kb / 5P
64 - PIN SUPUR I/O WITH LPC INTERFACE
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
64-Pin Super I/O with LPC Interface
logo
List of Unclassifed Man...
AN221E04 ETC2-AN221E04 Datasheet
434Kb / 21P
Dynamically Reconfigurable FPAA With Enhanced I/O
logo
SMSC Corporation
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
64-Pin Super I/O with LPC Interface
logo
Advantech Co., Ltd.
PCL-730 ADVANTECH-PCL-730 Datasheet
165Kb / 1P
32-ch Isolated Digital I/O card with 32 TTL Channels and PCI Interface
logo
Holtek Semiconductor In...
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com