Electronic Components Datasheet Search
  English  ▼

X  

TPMC632-DOC Datasheet(PDF) 3 Page - TEWS Technologies GmbH

Part # TPMC632-DOC
Description  Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC632-DOC Datasheet(HTML) 3 Page - TEWS Technologies GmbH

  TPMC632-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC632-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC632-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Embedded I/O Company
Order Information
RoHS Compliant
TPMC632-10R
Spartan-6 FPGA XC6SLX45T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 64 TTL I/O
TPMC632-11R
Spartan-6 FPGA XC6SLX45T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 32 RS422
TPMC632-12R
Spartan-6 FPGA XC6SLX45T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 32 TTL I/O,
16 RS422
TPMC632-13R
Spartan-6 FPGA XC6SLX45T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 32 M-LVDS
TPMC632-14R
Spartan-6 FPGA XC6SLX45T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 32 TTL I/O,
16 M-LVDS
TPMC632-20R
Spartan-6 FPGA XC6SLX100T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 64 TTL I/O
TPMC632-21R
Spartan-6 FPGA XC6SLX100T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 32 RS422
TPMC632-22R
Spartan-6 FPGA XC6SLX100T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 32 TTL I/O,
16 RS422
TPMC632-23R
Spartan-6 FPGA XC6SLX100T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 32 M-LVDS
TPMC632-24R
Spartan-6 FPGA XC6SLX100T-2, 128 MB DDR3, 32bit 33/66 MHz PCI, HD68 and P14 I/O, 32 TTL I/O,
16 M-LVDS
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TPMC632-DOC
User Manual
TPMC632-FDK
FPGA Development Kit for TPMC632, includes TPLD005 Example Design
Accessories
TA900-10R
Program and Debug Box, USB, JTAG, 20pin FPC connector, including USB A-USB B and FPC
Flexcable
Software
TDRV015-SW-25 Integrity Software Support (for the example design TPLD005 of the TPMC632-FDK)
TDRV015-SW-42 VxWorks Software Support (Legacy and VxBus-Enabled) Software Support (for the example design
TPLD005 of the TPMC632-FDK)
TDRV015-SW-65 Windows Software Support (for the example design TPLD005 of the TPMC632-FDK)
TDRV015-SW-82 Linux Software Support (for the example design TPLD005 of the TPMC632-FDK)
TDRV015-SW-95 QNX Software Support (for the example design TPLD005 of the TPMC632-FDK)
For other operating systems please contact TEWS.
Related Products
TA304
Cable Kit for Modules with HD68 Connector
TPIM003
PIM I/O Module, HD68 connector, special pin assignment
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com