Electronic Components Datasheet Search
  English  ▼

X  

TPMC632-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPMC632-DOC
Description  Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC632-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPMC632-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC632-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC632-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
Technical Information
 Standard single-width 32 bit PMC module conforming
to IEEE P1386.1
 PCI 2.1 compliant interface
 3.3V and 5V PCI Signaling Voltage
 Board size: 149 mm x 74 mm
 TPMC632-1x: Xilinx XC6SLX45T-2 Spartan6 FPGA
configured by serial Flash XCF16PFS
TPMC632-2x: Xilinx XC6SLX100T-2 Spartan6 FPGA
configured by serial Flash XCF32PFS
 Flash device is programmable via JTAG and in-
system programmable
 FPGA clock options:
 Local clock generator as source for the FPGA
internal PLL
 1 DDR3 SDRAM bank, 64M x 16 (128 MB)
 32 Mbit SPI-EEPROM for User Data or FPGA
configuration
 I/O lines
64 TTL I/O, or 32 differential I/O or 32 TTL I/O
and 16 differential I/O
 TTL signaling voltage (maximum current: +/-
32mA), EIA-422/-485 signaling level
or M-LVDS Standard (TIA/EIA-899)
 direction individually programmable
 I/O access:
64 I/O lines on HD68 front connector, parallel to
up to 64 I/O lines on rear connector P14
 Operating temperature -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com