Electronic Components Datasheet Search
  English  ▼

X  

ADC10464 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10464
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10464 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC10464 Datasheet HTML 1Page - National Semiconductor (TI) ADC10464 Datasheet HTML 2Page - National Semiconductor (TI) ADC10464 Datasheet HTML 3Page - National Semiconductor (TI) ADC10464 Datasheet HTML 4Page - National Semiconductor (TI) ADC10464 Datasheet HTML 5Page - National Semiconductor (TI) ADC10464 Datasheet HTML 6Page - National Semiconductor (TI) ADC10464 Datasheet HTML 7Page - National Semiconductor (TI) ADC10464 Datasheet HTML 8Page - National Semiconductor (TI) ADC10464 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ =AV
CC =DVCC)
−0.3V to +6V
Voltage at Any Input or Output
−0.3V to V
+ + 0.3V
Input Current at Any Pin (Note 3)
5 mA
Package Input Current (Note 3)
20 mA
Power Consumption (Note 4)
875 mW
ESD Susceptibility (Note 5)
2000V
Soldering Information (Note 6)
N Package (10 Sec)
260˚C
SO Package:
Vapor Phase (60 Sec)
215˚C
Infrared (15 Sec)
220˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
150˚C
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX =
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage Range
+4.5V to +5.5V
Package Thermal Resistance
Device
θ
JA (˚C/W)
ADC10461CIWM
85
ADC10462CIWM
82
ADC10464CIWM
78
Converter Characteristics
The following specifications apply for V
+ = +5V, V
REF(+) = +5V, VREF(−) = GND, and Speed Adjust pin unconnected unless oth-
erwise specified. Boldface limits apply for T
A =TJ =TMin to TMax; all other limits TA =TJ = +25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limit
(Note 8)
Units
(Limit)
Resolution
10
Bits
Integral Linearity Error
R
SA
≥ 18 kΩ
±0.5
LSB
Offset Error
±1.5
LSB (max)
Full-Scale Error
±1
LSB (max)
Total Unadjusted Error
R
SA
≥ 18 kΩ
±0.5
LSB
Missing Codes
0
(max)
Power Supply Sensitivity
V
+ =5V ±5%, V
REF = 4.5V
±1/16
LSB
V
+ =5V ±10%, V
REF = 4.5V
±1⁄8
LSB
THD
Total Harmonic Distortion
f
IN = 1 kHz, 4.85 VP-P
f
IN = 50 kHz, 4.85 VP-P
f
IN = 100 kHz, 4.85 VP-P
f
IN = 240 kHz, 4.85 VP-P
−68
−66
−62
−58
−60
dB
dB (max)
dB
dB
SNR
Signal-to-Noise Ratio
f
IN = 1 kHz, 4.
′85 V
P-P
f
IN = 50 kHz, 4.85 VP-P
f
IN = 100 kHz, 4.85 VP-P
61
60
60
58
dB
dB (min)
dB
ENOB
Effective Number of Bits
f
IN = 1 kHz, 4.85 VP-P
f
IN = 50 kHz, 4.85 VP-P
9.6
9.5
9
Bits
Bits (min)
R
REF
Reference Resistance
650
400
Ω (min)
R
REF
Reference Resistance
650
900
Ω (max)
V
REF(+)
V
REF(+) Input Voltage
V
+ + 0.05
V (max)
V
REF(−)
V
REF(−) Input Voltage
GND − 0.05
V (min)
V
REF(+)
V
REF(+) Input Voltage
V
REF(−)
V (min)
V
REF(−)
V
REF(−) Input Voltage
V
REF(+)
V (max)
V
IN
Input Voltage
V
+ + 0.05
V (max)
V
IN
Input Voltage
GND − 0.05
V (min)
OFF Channel Input Leakage Current
CS = V
+,V
IN =V
+
0.01
3
µA (max)
ON Channel Input Leakage Current
CS = V
+,V
IN =V
+
±1
−3
µA (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com