Electronic Components Datasheet Search
  English  ▼

X  

ADC10464 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10464
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10464 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC10464 Datasheet HTML 8Page - National Semiconductor (TI) ADC10464 Datasheet HTML 9Page - National Semiconductor (TI) ADC10464 Datasheet HTML 10Page - National Semiconductor (TI) ADC10464 Datasheet HTML 11Page - National Semiconductor (TI) ADC10464 Datasheet HTML 12Page - National Semiconductor (TI) ADC10464 Datasheet HTML 13Page - National Semiconductor (TI) ADC10464 Datasheet HTML 14Page - National Semiconductor (TI) ADC10464 Datasheet HTML 15Page - National Semiconductor (TI) ADC10464 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Functional Description (Continued)
SIMILAR PRODUCT DIFFERENCES
The ADC1046x, ADC1046x and ADC1066x (where "x" indi-
cates the number of multiplexer inputs) are similar devices
with different specification limits. The differences in these
device families are summarized below.
Device
Family
ILE, TUE,
PSS
THD, SNR,
ENOB
Max.
Conversion
Time
ADC1046x
Guaranteed
-
900ns
ADC1046x
-
Guaranteed
900ns
ADC1066x
-
Guaranteed
466ns
Applications Information
1.0 MODES OF OPERATION
The ADC10461, ADC10462, and ADC10464 have two basic
digital interface modes. Figure 1 and Figure 2 are timing
diagrams for the two modes. The ADC10462 and ADC10464
have input multiplexers that are controlled by the logic levels
on pins S
0 and S1 when S/H goes low. Tables 1, 2 are truth
tables showing how the input channels are assigned.
Mode 1
In this mode, the S/H pin controls the start of conversion. S/H
is pulled low for a minimum of 250 ns. This causes the
comparators in the “coarse” flash converter to become ac-
tive. When S/H goes high, the result of the coarse conver-
sion is latched and the “fine” conversion begins. After 600 ns
(typical), INT goes low, indicating that the conversion results
are latched and can be read by pulling RD low. Note that CS
must be low to enable S/H or RD. CS is internally “ANDed”
with S/H and RD; the input voltage is sampled when CS and
S/H are low, and data is read when CS and RD are low. INT
is reset high on the rising edge of RD.
TABLE 1. Input Multiplexer Programming
ADC10464
S
1
S
0
Channel
00
V
IN0
01
V
IN1
10
V
IN2
11
V
IN3
TABLE 2. Input Multiplexer Programming
ADC10462
S
0
Channel
0V
IN0
1V
IN1
Mode 2
In Mode 2, also called “RD mode”, the S/H and RD pins are
tied together. A conversion is initiated by pulling both pins
low. The A/D converter samples the input voltage and
causes the coarse comparators to become active. An inter-
nal timer then terminates the coarse conversion and begins
the fine conversion. 850 ns (typical) after S/H and RD are
pull low, INT goes low, indicating that the conversion is
01110813
FIGURE 3. Block Diagram of the Multistep Converter Architecture
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com