Electronic Components Datasheet Search
  English  ▼

X  

PCA9535PW Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCA9535PW
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535PW Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCA9535PW Datasheet HTML 20Page - NXP Semiconductors PCA9535PW Datasheet HTML 21Page - NXP Semiconductors PCA9535PW Datasheet HTML 22Page - NXP Semiconductors PCA9535PW Datasheet HTML 23Page - NXP Semiconductors PCA9535PW Datasheet HTML 24Page - NXP Semiconductors PCA9535PW Datasheet HTML 25Page - NXP Semiconductors PCA9535PW Datasheet HTML 26Page - NXP Semiconductors PCA9535PW Datasheet HTML 27Page - NXP Semiconductors PCA9535PW Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
24 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Fig 27. Package outline SOT616-1 (HVQFN24)
0.5
1
0.2
A1
Eh
b
UNIT
y
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
4.1
3.9
Dh
2.25
1.95
y1
4.1
3.9
2.25
1.95
e1
2.5
e2
2.5
0.30
0.18
c
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT616-1
MO-220
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT616-1
HVQFN24: plastic thermal enhanced very thin quad flat package; no leads;
24 terminals; body 4 x 4 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
712
24
19
18
13
6
1
X
D
E
C
B
A
e2
01-08-08
02-10-22
terminal 1
index area
terminal 1
index area
A
C
C
B
v M
w M
1/2
e
1/2
e
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com