| Electronic Components Datasheet Search |
|
PCA9535PW Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9535PW Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 32 page ![]() PCA9535_PCA9535C_3 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 — 4 October 2007 9 of 32 NXP Semiconductors PCA9535; PCA9535C 16-bit I2C-bus and SMBus, low power I/O port with interrupt 6.5 Bus transactions 6.5.1 Writing to the port registers Data is transmitted to the PCA9535/PCA9535C by sending the device address and setting the least significant bit to a logic 0 (see Figure 6 “PCA9535; PCA9535C device address”). The command byte is sent after the address and determines which register will receive the data following the command byte. The eight registers within the PCA9535/PCA9535C are configured to operate as four register pairs. The four pairs are Input Ports, Output Ports, Polarity Inversion Ports, and Configuration Ports. After sending data to one register, the next data byte will be sent to the other register in the pair (see Figure 8 and Figure 9). For example, if the first byte is sent to Output Port 1 (register 3), then the next byte will be stored in Output Port 0 (register 2). There is no limitation on the number of data bytes sent in one write transmission. In this way, each 8-bit register may be updated independently of the other registers. At power-on reset, all registers return to default values. (1) PCA9535C I/Os are open-drain only. The portion of the PCA9535 schematic marked inside the dotted line box is not in PCA9535C. Fig 7. Simplified schematic of I/Os VDD I/O pin output port register data configuration register DQ CK Q data from shift register write configuration pulse output port register DQ CK write pulse polarity inversion register DQ CK data from shift register write polarity pulse input port register DQ CK read pulse input port register data polarity inversion register data 002aac218 FF data from shift register FF FF FF Q1 Q2 VSS to INT (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |