Electronic Components Datasheet Search
  English  ▼

X  

PCA9535PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9535PW
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535PW Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9535PW Datasheet HTML 1Page - NXP Semiconductors PCA9535PW Datasheet HTML 2Page - NXP Semiconductors PCA9535PW Datasheet HTML 3Page - NXP Semiconductors PCA9535PW Datasheet HTML 4Page - NXP Semiconductors PCA9535PW Datasheet HTML 5Page - NXP Semiconductors PCA9535PW Datasheet HTML 6Page - NXP Semiconductors PCA9535PW Datasheet HTML 7Page - NXP Semiconductors PCA9535PW Datasheet HTML 8Page - NXP Semiconductors PCA9535PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
5 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
5.2 Pin description
[1]
On the PCA9535 the I/Os are configurable as totem-pole or open-drain, whereas the I/Os on PCA9535C
are open-drain only.
[2]
HVQFN and HWQFN package die supply ground is connected to both the VSS pin and the exposed center
pad. The VSS pin must be connected to supply ground for proper device operation. For enhanced thermal,
electrical, and board-level performance, the exposed pad needs to be soldered to the board using a
corresponding thermal pad on the board, and for proper heat conduction through the board thermal vias
need to be incorporated in the PCB in the thermal pad region.
Table 3.
Pin description
Symbol
Pin
Description
SO24, TSSOP24
HVQFN24,
HWQFN24
INT
1
22
interrupt output (open-drain)
A1
2
23
address input 1
A2
3
24
address input 2
IO0_0
4
1
port 0 input/output[1]
IO0_1
5
2
IO0_2
6
3
IO0_3
7
4
IO0_4
8
5
IO0_5
9
6
IO0_6
10
7
IO0_7
11
8
VSS
12
9[2]
supply ground
IO1_0
13
10
port 1 input/output
IO1_1
14
11
IO1_2
15
12
IO1_3
16
13
IO1_4
17
14
IO1_5
18
15
IO1_6
19
16
IO1_7
20
17
A0
21
18
address input 0
SCL
22
19
serial clock line
SDA
23
20
serial data line
VDD
24
21
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com