Electronic Components Datasheet Search
  English  ▼

X  

H2C Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H2C
Description  Motor Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H2C Datasheet(HTML) 8 Page - Omron Electronics LLC

  H2C Datasheet HTML 1Page - Omron Electronics LLC H2C Datasheet HTML 2Page - Omron Electronics LLC H2C Datasheet HTML 3Page - Omron Electronics LLC H2C Datasheet HTML 4Page - Omron Electronics LLC H2C Datasheet HTML 5Page - Omron Electronics LLC H2C Datasheet HTML 6Page - Omron Electronics LLC H2C Datasheet HTML 7Page - Omron Electronics LLC H2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
H2C
H2C
8
Precautions
How to Change the Time Range
Change the positions of the time range selector with a flat-blade
screwdriver or an Allen wrench.
Caution
Be sure to turn the power off before changing the time specifi-
cation. Changing the time range while the timer is in operation
may cause a malfunction.
How to Select Power Frequency
Notice
Power frequency
Before using the timer, set the frequency selector located at
the rear panel to the proper power frequency (50 or 60 Hz).
Note that if the frequency selector is set incorrectly, time mea-
surement may not be performed accurately against the set
time.
How to Mount the Timer on Mounting Track
Mounting
First hook portion A of the timer to the mounting track, then depress
the timer in direction B.
Dismounting
Pull out portion C with a round-blade screwdriver and remove the
timer from the mounting track.
B
A
C
Electrical Set
The motor and clutch do not need to be reset simultaneously.
Use the voltage applied to the clutch for resetting with the H2C-R.
Do not allow power to be continuously applied to the motor and
clutch for extended periods of time.
Others
Do not turn the operation time setting knob beyond the range of the
scale. To achieve higher accuracy in setting, measure the operation
time while turning the operation time setting knob.
The deviation and setting error for the operation time shows the per-
cent of FS. The absolute value of the deviation and setting error will
not change even if the set time is changed. The time specifications
should therefore be selected to use the operation time as close to
FS as possible.
At high temperatures, the operation voltage will be 90% or less if
voltage is applied continuously after timeout. Be sure to keep the
voltage within the allowable voltage fluctuation range.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. L007-E1-8
!
!



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com