Electronic Components Datasheet Search
  English  ▼

X  

H2C Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # H2C
Description  Motor Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H2C Datasheet(HTML) 6 Page - Omron Electronics LLC

  H2C Datasheet HTML 1Page - Omron Electronics LLC H2C Datasheet HTML 2Page - Omron Electronics LLC H2C Datasheet HTML 3Page - Omron Electronics LLC H2C Datasheet HTML 4Page - Omron Electronics LLC H2C Datasheet HTML 5Page - Omron Electronics LLC H2C Datasheet HTML 6Page - Omron Electronics LLC H2C Datasheet HTML 7Page - Omron Electronics LLC H2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
H2C
H2C
6
Mounting Track (Meets DIN EN50022)
PFP-100N/PFP-50N
PFP-100N2
Twelve, 25
' 4.5 elliptic holes (see note)
(see note)
Note:
This dimension applied to PFP-50N.
Note:
A total of twelve, 25 x 4.5 elliptic holes are provided with 6
holes cut from each rail end at a pitch of 10 mm between
holes.
End Plate
PFP-M
PFP-S
Adapter for Flush Mounting
Y92F-30
Note:
The adapter can be mounted to the timer form any side of
the timer housing since the adapter security notches are
provided on all four sides of the housing.
H2C (with PF113A)
H2C-F
Note:
For a load current of 3 A max., a spacer and an end
plate are not required. For a load current of 6 A, one
spacer or an end plate is required.
Note:
For a load current of 1 A max., a spacer and an end
plate are not required. For a load current of 3 A max.,
one spacer or an end plate is required. For a load cur-
rent of 6 A max. two spacers or two end plates are re-
quired.
Timer Hold-down Clips
Y92H-2
(for PF085A/PF113A
Connecting Socket)
Y92H-1
(for PL08/PL11
Connecting Socket)
(See
note)
(See
note)
(See note)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com