Electronic Components Datasheet Search
  English  ▼

X  

H2C Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H2C
Description  Motor Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H2C Datasheet(HTML) 1 Page - Omron Electronics LLC

  H2C Datasheet HTML 1Page - Omron Electronics LLC H2C Datasheet HTML 2Page - Omron Electronics LLC H2C Datasheet HTML 3Page - Omron Electronics LLC H2C Datasheet HTML 4Page - Omron Electronics LLC H2C Datasheet HTML 5Page - Omron Electronics LLC H2C Datasheet HTML 6Page - Omron Electronics LLC H2C Datasheet HTML 7Page - Omron Electronics LLC H2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motor Timer
H2C
DIN-sized (48 x 48, 45 x 75 mm) Motor
Timer with Variable Time Ranges
Five time ranges are selectable per timer unit.
Easy-to-monitor neon lamp for timing operation
indication (for 110, 120, 220, 240 VAC types only).
Conforms to VDE0110 Group C for creepage
distance.
Easy-to-set large transparent knob and easy-to-
read single pattern scale facilitate time setting.
Equipped with timing operation indicator and
moving pointer.
RC
Ordering Information
Operation/resetting
t
Internal
ti
Terminal
Time-limit
t
t
Instantaneous
t
t
Model
p
/
g
system
connection
contact
contact
Surface
mounting/
track mounting
Flush mounting
Time-limit operation/
self-resetting
Separate motor
and clutch
i
8-pin round
socket
SPDT
SPDT
H2C-8
H2C-8 (with
Y92F-30 adapter)
se
esett g
a d c utc
connection
11-pin round
socket
H2C
H2C (with
Y92F-30 adapter)
Front screw
H2C-F
---
Time-limit operation/
electric resetting
8-pin round
socket
SPDT
---
H2C-8R
H2C-8R (with
Y92F-30 adapter)
e ect c esett g
11-pin round
socket
SPDT
H2C-R
H2C-R (with
Y92F-30 adapter)
Front screw
H2C-FR
---
Note:
Specify both the model number and supply voltage when ordering.
Accessories (Order Separately)
Timer
Track mounted socket
(
1)
Back connecting socket
(see note 1)
Solder terminal
Screw terminal
H2C-8, H2C-8R
P2CF-08, PF085A
PL08
P3G-08
H2C, H2C-R
PF113A
PL11
P3GA-11
Note:
Track mounted socket can be used as a front connecting socket.


Similar Part No. - H2C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H2C1 MCC-H2C1 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H2C2 MCC-H2C2 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H2C3 MCC-H2C3 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
More results

Similar Description - H2C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
Timer
logo
Semtech Corporation
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
1V Motor/LED timer
logo
List of Unclassifed Man...
88220SERIES ETC2-88220SERIES Datasheet
156Kb / 2P
MULTIFUNCTION MOTOR TIMER WITH MEMORY
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com