Electronic Components Datasheet Search
  English  ▼

X  

DS1743 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1743
Description  Y2K-Compliant, Nonvolatile Timekeeping
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1743 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1743 Datasheet HTML 4Page - Maxim Integrated Products DS1743 Datasheet HTML 5Page - Maxim Integrated Products DS1743 Datasheet HTML 6Page - Maxim Integrated Products DS1743 Datasheet HTML 7Page - Maxim Integrated Products DS1743 Datasheet HTML 8Page - Maxim Integrated Products DS1743 Datasheet HTML 9Page - Maxim Integrated Products DS1743 Datasheet HTML 10Page - Maxim Integrated Products DS1743 Datasheet HTML 11Page - Maxim Integrated Products DS1743 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS1743/DS1743P Y2K-Compliant, Nonvolatile Timekeeping RAMs
8 of 16
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………………-0.3V to +6.0V
Operating Temperature Range…………………………………………………………………….-40°C to +85°C
Storage Temperature Range……………………………………………………………………….-40°C to +85°C
Soldering Temperature (EDIP) (leads, 10 seconds)…………………….……………………………..…+260°C
Soldering Temperature…………………………………………..….See J-STD-020 Specification (See Note 8)
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect device reliability.
OPERATING RANGE
RANGE
TEMP RANGE
VCC
Commercial
0°C to +70°C
3.3V
±10% or 5V ±10%
Industrial
-40
°C to +85°C
3.3V
±10% or 5V ±10%
RECOMMENDED DC OPERATING CONDITIONS
(TA = Over the Operating Range.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
VCC = 5V ±10%
2.2
VCC
+0.3V
V
1
Logic 1 Voltage All Inputs
VIH
VCC = 3.3V
±10%
2.0
VCC
+0.3V
V
1
VCC = 5V ±10%
-0.3
+0.8
V
1
Logic 0 Voltage All Inputs
VIL
VCC = 3.3V
±10%
-0.3
+0.6
V
1
DC ELECTRICAL CHARACTERISTICS (5V)
( VCC = 5.0V ±10%, TA = Over the Operating Range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICC
15
50
mA
2, 3
TTL Standby Current
(
CE = V
IH, CE2 = VIL)
ICC1
1
3
mA
2, 3
CMOS Standby Current
(
CE
≥ V
CC - 0.2V; CE2 = GND + 0.2V)
ICC2
1
3
mA
2, 3
Input Leakage Current (Any Input)
IIL
-1
+1
μA
Output Leakage Current (Any Output)
IOL
-1
+1
μA
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOH
2.4
1
Output Logic 0 Voltage
(IOUT = 2.1mA)
VOL1
0.4
1
Write-Protection Voltage
VPF
4.20
4.50
V
1
Battery Switchover Voltage
VSO
VBAT
1, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com