Electronic Components Datasheet Search
  English  ▼

X  

DS1743 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1743
Description  Y2K-Compliant, Nonvolatile Timekeeping
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1743 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1743 Datasheet HTML 1Page - Maxim Integrated Products DS1743 Datasheet HTML 2Page - Maxim Integrated Products DS1743 Datasheet HTML 3Page - Maxim Integrated Products DS1743 Datasheet HTML 4Page - Maxim Integrated Products DS1743 Datasheet HTML 5Page - Maxim Integrated Products DS1743 Datasheet HTML 6Page - Maxim Integrated Products DS1743 Datasheet HTML 7Page - Maxim Integrated Products DS1743 Datasheet HTML 8Page - Maxim Integrated Products DS1743 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS1743/DS1743P Y2K-Compliant, Nonvolatile Timekeeping RAMs
5 of 16
Figure 1. Block Diagram
Table 1. Truth Table
VCC
CE
CE2
OE
WE
MODE
DQ
POWER
VIH
X
X
X
Deselect
High-Z
Standby
X
VIL
X
X
Deselect
High-Z
Standby
VIL
VIH
X
VIL
Write
Data In
Active
VIL
VIH
VIL
VIH
Read
Data Out
Active
VCC > VPF
VIL
VIH
VIH
VIH
Read
High-Z
Active
VSO < VCC < VPF
X
X
X
X
Deselect
High-Z
CMOS Standby
VCC<VSO<VPF
X
X
X
X
Deselect
High-Z
Data-Retention
Mode
SETTING THE CLOCK
As shown in Table 2, bit 7 of the century register is the write bit. Setting the write bit to a 1, like the read
bit, halts updates to the DS1743 registers. The user can then load them with the correct day, date and time
data in 24-hour BCD format. Resetting the write bit to a 0 then transfers those values to the actual clock
counters and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off
to minimize current drain from the battery. The
OSC bit is the MSB (bit 7) of the seconds registers, see
Table 2. Setting it to a 1 stops the oscillator.
FREQUENCY TEST BIT
As shown in Table 2, bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to
logic 1 and the oscillator is running, the LSB of the seconds register will toggle at 512Hz. When the
seconds register is being read, the DQ0 line will toggle at the 512Hz frequency as long as conditions for
access remain valid (i.e.,
CE low, OE low, WE high, and address for seconds register remain valid and
stable).
Dallas
Semiconductor
DS1743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com