Electronic Components Datasheet Search
  English  ▼

X  

MAX1067BEEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1067BEEE
Description  Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1067BEEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1067BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX1067/MAX1068 low-power, multichannel, 14-
bit analog-to-digital converters (ADCs) feature a suc-
cessive-approximation ADC, integrated +4.096V
reference, a reference buffer, an internal oscillator,
automatic power-down, and a high-speed SPI™/
QSPI™/MICROWIRE™-compatible interface. The
MAX1067/MAX1068 operate with a single +5V analog
supply and feature a separate digital supply, allowing
direct interfacing with +2.7V to +5.5V digital logic.
The MAX1067/MAX1068 consume only 3.6mA (AVDD =
DVDD = +5V) at 200ksps when using an external refer-
ence. AutoShutdown™ reduces the supply current to
185µA at 10ksps and to less than 10µA at reduced sam-
pling rates.
The MAX1067 includes a 4-channel input multiplexer, and
the MAX1068 accepts up to eight analog inputs.
In addition, digital signal processor (DSP)-initiated con-
versions are simplified with the DSP frame-sync input and
output featured in the MAX1068. The MAX1068 includes a
data-bit transfer input to select between 8-bit-wide or 16-
bit-wide data-transfer modes. Both devices feature a scan
mode that converts each channel sequentially or one
channel continuously.
Excellent dynamic performance and low power, com-
bined with ease of use and an integrated reference,
make the MAX1067/MAX1068 ideal for control and data-
acquisition operations or for other applications with
demanding power consumption and space require-
ments. The MAX1067 is available in a 16-pin QSOP
package, and the MAX1068 is available in a 24-pin
QSOP package. Both devices are guaranteed over the
commercial (0°C to +70°C) and extended (-40°C to
+85°C) temperature ranges. Use the MAX1168 evalua-
tion kit to evaluate the MAX1068.
Applications
Motor Control
Industrial Process Control
Industrial I/O Modules
Data-Acquisition Systems
Thermocouple Measurements
Accelerometer Measurements
Features
♦ 14-Bit Resolution, ±0.5 LSB INL and
±1 LSB DNL (max)
♦ +5V Single-Supply Operation
♦ Adjustable Logic Level (+2.7V to +5.25V)
♦ Input Voltage Range: 0 to VREF
♦ Internal (+4.096V) or External (+3.8V to AVDD)
Reference
♦ Internal Track/Hold, 4MHz Input Bandwidth
♦ Internal or External Clock
♦ SPI/QSPI/MICROWIRE-Compatible Serial
Interface, MAX1068 Performs DSP-Initiated
Conversions
♦ 8-Bit-Wide or 16-Bit-Wide Data-Transfer Mode
(MAX1068 Only)
♦ 4-Channel (MAX1067) or 8-Channel (MAX1068)
Input Mux
Scan Mode Sequentially Converts Multiple
Channels or One Channel Continuously
♦ Low Power
3.6mA at 200ksps
1.85mA at 100ksps
185µA at 10ksps
0.6µA in Full Power-Down Mode
♦ Small Package Size
16-Pin QSOP (MAX1067)
24-Pin QSOP (MAX1068)
Multichannel, 14-Bit, 200ksps Analog-to-Digital
Converters
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2955; Rev 1; 8/07
For pricing delivery, and ordering information please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
INL
(LSB)
MAX1067ACEE
0°C to +70°C
16 QSOP
±0.5
MAX1067BCEE
0°C to +70°C
16 QSOP
±1
MAX1067CCEE
0°C to +70°C
16 QSOP
±2
MAX1067AEEE
-40°C to +85°C
16 QSOP
±0.5
MAX1067BEEE
-40°C to +85°C
16 QSOP
±1
MAX1067CEEE
-40°C to +85°C
16 QSOP
±2
Ordering Information continued at end of data sheet.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX1067BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106 MAXIM-MAX106 Datasheet
786Kb / 20P
Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1060 MAXIM-MAX1060 Datasheet
488Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060ACEI MAXIM-MAX1060ACEI Datasheet
488Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060AEEI MAXIM-MAX1060AEEI Datasheet
488Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1067BEEE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
8-bit digital-to-analog converters
June 1994
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
8 BIT DIGITAL TO ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167-MAX1168 MAXIM-MAX1167-MAX1168 Datasheet
462Kb / 30P
Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
8-Bit Digital-to-Analog Converters
logo
Maxim Integrated Produc...
MAX1167 MAXIM-MAX1167_09 Datasheet
348Kb / 30P
Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
Intronics Power, Inc.
ADC1130 INTRONICS-ADC1130 Datasheet
912Kb / 4P
14-Bit High Speed Analog to Digital Converters
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
Analog Devices
ADC1130 AD-ADC1130_15 Datasheet
1Mb / 4P
14-Bit High Speed, Analog To-Digital Converters
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
14-Bit High Speed, Analog To-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com