Electronic Components Datasheet Search
  English  ▼

X  

MAX1067BEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1067BEEE
Description  Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1067BEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1067BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
that includes a longer acquisition time (11.5 clock
cycles). Longer acquisition times are useful in applica-
tions with input source resistances greater than 1k
Ω.
Noise increases when using large source resistances. To
improve the input signal bandwidth under AC conditions,
drive AIN_ with a wideband buffer (>10MHz) that can
drive the ADC’s input capacitance and settle quickly.
Input Bandwidth
The ADC’s input-tracking circuitry has a 4MHz small-
signal bandwidth, making possible the digitization of
high-speed transient events and the measurement of
periodic signals with bandwidths exceeding the ADC’s
sampling rate by using undersampling techniques. To
avoid aliasing of unwanted, high-frequency signals into
the frequency band of interest, use anti-alias filtering.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to AVDD or AGND, allow the input to swing from
(AGND - 0.3V) to (AVDD + 0.3V) without damaging the
device. If the analog input exceeds 300mV beyond the
supplies, limit the input current to 10mA.
Multichannel, 14-Bit, 200ksps Analog-to-Digital
Converters
______________________________________________________________________________________
13
REFERENCE
REF
REFCAP
AVDD
DVDD
AGND
AGND
DGND
AIN0
AIN1
AIN2
AIN3
SCLK
CS
DIN
ANALOG-INPUT
MULTIPLEXER
MULTIPLEXER
CONTROL
ACCUMULATOR
MEMORY
INPUT REGISTER
BIAS
OSCILLATOR
OUTPUT
DOUT
EOC
ANALOG-SWITCH FINE TIMING
SUCCESSIVE-APPROXIMATION
REGISTER
MAX1068
DAC
BUFFER
AIN4
AIN5
AIN6
AIN7
AZ
RAIL
COMPARATOR
DSPX
DSEL
DSPR
Figure 4. MAX1068 Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com