Electronic Components Datasheet Search
  English  ▼

X  

MAX1067BEEE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1067BEEE
Description  Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1067BEEE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1067BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 19Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 20Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 21Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 22Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 23Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 24Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DSP 8-Bit-Wide Data-Transfer Mode (External Clock
Mode, MAX1068 Only)
Figure 16 shows the DSP-interface timing diagram.
Logic low at DSPR on the falling edge of CS enables
DSP interface mode. After the MAX1068 enters DSP
mode, CS can remain low for the duration of the con-
version process and each subsequent conversion.
Drive DSEL low to select the 8-bit data-transfer mode.
A sync pulse from the DSP at DSPR wakes the analog
circuitry and allows SCLK to clock in data (Figure 17).
The frame sync pulse alerts the MAX1068 that incom-
ing data is about to be sent to DIN. Ensure the duty
cycle on SCLK is between 45% and 55% when operat-
ing at 4.8MHz (the maximum clock frequency). For
lower clock frequencies, ensure the minimum high and
low times are at least 93ns. External clock mode con-
versions with SCLK rates less than 125kHz can reduce
accuracy due to leakage of the sampling capacitor.
The input data latches on the falling edge of SCLK. The
command/configuration/control register starts reading
data in on the falling edge of the first SCLK cycle imme-
diately following the falling edge of the frame sync
pulse and ends on the falling edge of the 8th SCLK
cycle. The MAX1068 selects the proper channel for
conversion on the falling edge of the 3rd clock cycle
and begins acquisition. Acquisition continues until the
rising edge of the 7th clock cycle. The MAX1068 sam-
ples the input on the rising edge of the 7th clock cycle.
On the rising edge of the 8th clock cycle, the MAX1068
outputs a frame sync pulse at DSPX. The frame sync
pulse alerts the DSP that the conversion results are
about to be output at DOUT (MSB first) starting on the
rising edge of the 9th clock pulse. To read the entire
conversion results, 16 SCLK cycles are needed. Extra
clock pulses, occuring after the conversion result has
been clocked out, and prior to the next rising edge of
DSPR, cause zeros to be clocked out of DOUT. The
MAX1068 external-clock, DSP 8-bit-wide data-transfer
mode requires 24 clock cycles to complete.
Begin a new conversion by sending a new frame sync
pulse to DSPR followed by new configuration data.
Send the new DSPR pulse immediately after reading
the conversion result to realize maximum throughput.
Sending a new frame sync pulse in the middle of a con-
version immediately aborts the current conversion and
begins a new one. A rising edge on CS in the middle of
a conversion aborts the current conversion and places
the MAX1068 in shutdown.
DSP 16-Bit-Wide Data-Transfer Mode (External
Clock Mode, MAX1068 Only)
Figure 16 shows the DSP-interface timing diagram. Logic
low at DSPR on the falling edge of CS enables DSP inter-
face mode. After the MAX1068 enters DSP mode, CS
can remain low for the duration of the conversion
process and each subsequent conversion. The acquisi-
tion time is extended an extra eight SCLK cycles in the
16-bit-wide data-transfer mode. Drive DSEL high to
select the 16-bit-wide data-transfer mode. A sync pulse
from the DSP at DSPR wakes the analog circuitry and
allows SCLK to clock in data (Figure 18). The frame
sync pulse also alerts the MAX1068 that incoming data
is about to be sent to DIN. Ensure the duty cycle on
SCLK is between 45% and 55% when operating at
Multichannel, 14-Bit, 200ksps Analog-to-Digital
Converters
______________________________________________________________________________________
21
CS
SCLK
DSPR
DIN
DOUT
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tFSH
tCSH
tDF
tCP
tCSW
tFSS
...
...
...
...
...
Figure 16. Detailed DSP-Interface Timing (MAX1068 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com