Electronic Components Datasheet Search
  English  ▼

X  

MAX1607ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1607ESA
Description  USB Current-Limited Switch in Pin-Compatible Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1607ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1607ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.
General Description
The MAX1607 is a current-limited 60m
Ω switch with
built-in fault blanking. Its accurate, preset 0.7A to 1.0A
current limit makes it ideal for USB applications. Its low
quiescent supply current (14µA) and standby current
(1µA) conserve battery power in portable applications.
The MAX1607 operates with inputs from +2.7V to
+5.5V, making it ideal for both 3V and 5V systems.
An overcurrent signal (OC) notifies the microprocessor
that the internal current limit has been reached. A 10ms
overcurrent-blanking feature allows momentary faults
(such as those caused when hot-swapping into a
capacitive load) to be ignored, thus preventing false
alarms to the host system. This blanking also prevents
an OC signal from being issued when the device is
powering up.
The MAX1607 has several safety features to ensure that
the USB port is protected. Built-in thermal-overload pro-
tection limits power dissipation and junction temperature.
The device also has accurate internal current-limiting
circuitry to protect the input supply against overload.
The MAX1607 is a pin-compatible upgrade to Texas
Instruments’ TPS2014, TPS2015, and TPS2041 for USB
applications. The same die is available in a space-sav-
ing 10-pin µMAX® package (MAX1693) and can be
used for next-generation designs. The MAX1694 is sim-
ilar to the MAX1693, but it has a built-in latch that turns
off the power switch in case of a long-term short-
circuit condition.
The MAX1607 is also offered in a 10-pin TDFN package
(not pin compatible with Texas Instruments TPS2014,
TPS2015, and TPS2041 for USB applications).
Applications
Features
♦ SO Package is Pin Compatible with TPS2014,
TPS2015, and TPS2041
♦ Accurate Current Limit (0.7A min, 1.0A max)
♦ Guaranteed 0.75A Short-Circuit Protection
♦ 10ms Internal OC Blanking Timeout
♦ No Overcurrent (OC) Signal During Power-Up
♦ 125mΩ max High-Side MOSFET
♦ 500mA Continuous Current
♦ Short-Circuit and Thermal Protection with
Overcurrent Logic Output
♦ 1ms Start-Up Time
♦ Undervoltage Lockout
♦ 14µA Quiescent Supply Current
♦ 1µA max Standby Supply Current
♦ +2.7V to +5.5V Supply Range
♦ UL Recognized #E211935
USB Current-Limited Switch
in Pin-Compatible Package
________________________________________________________________ Maxim Integrated Products
1
OUT
1
2
8
7
OUT
OUT
IN
IN
GND
SO
TOP VIEW
3
4
6
5
MAX1607
OC
EN
MAX1607
IN
OUTPUT
OUT
INPUT
+2.7V TO +5.5V
ON
OFF
GND
OC
EN
Typical Operating Circuit
19-1544; Rev 2; 09/07
Pin Configurations
Ordering Information
Notebook Computers
USB Ports
USB Hubs
Docking Stations
Pin Configurations continued at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX1607ESA
-40
°C to +85°C 8 SO
S8-5
MAX1607ETB+
-40
°C to +85°C 10 TDFN-EP*
T1033-1
*EP = Exposed paddle.
+Denotes a lead-free package.
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX1607ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1607ESA MAXIM-MAX1607ESA Datasheet
133Kb / 8P
USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
More results

Similar Description - MAX1607ESA

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4608 ANALOGICTECH-AAT4608 Datasheet
312Kb / 10P
Current Limited Load Switch in SOT-23 Package
AAT4610 ANALOGICTECH-AAT4610 Datasheet
312Kb / 10P
Current Limited Load Switch in SOT-23 Package
AAT4611 ANALOGICTECH-AAT4611 Datasheet
426Kb / 12P
Current Limited Load Switch in SOT-23 Package
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607 Datasheet
133Kb / 8P
USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
MAX1931 MAXIM-MAX1931 Datasheet
214Kb / 8P
Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Advanced Analog Technol...
AAT4608 AAT-AAT4608 Datasheet
135Kb / 8P
Current Limited Load Switch in SOT23 Package
2006.05.1.3
AAT4611 AAT-AAT4611 Datasheet
243Kb / 10P
Current Limited Load Switch in SOT23 Package
2006.09.1.4
logo
Advanced Analogic Techn...
AAT4611 ANALOGICTECH-AAT4611_06 Datasheet
243Kb / 10P
Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608_12 Datasheet
972Kb / 9P
Current Limited Load Switch in a SOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com