Electronic Components Datasheet Search
  English  ▼

X  

MAX1607ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1607ESA
Description  USB Current-Limited Switch in Pin-Compatible Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1607ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1607ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
USB Current-Limited Switch
in Pin-Compatible Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +5V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, EN, OC to GND .....................................................-0.3 to +6V
OUT to GND ................................................-0.3V to (VIN + 0.3V)
Maximum Switch Current.........................1.2A (internally limited)
OUT Short-Circuit to GND ..........................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
10-Pin TDFN (derate 18.5mW/°C above +70°C) .......1481mW
Operating Temperature Range (extended) .........-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
TA = 0°C to +85°C
VEN = VIN = 5.5V,
VOUT = GND
Timer running
VEN = VIN = VOUT = 5.5V
OUT shorted to GND
Force VOUT to 4.5V
VIN = 3.7V to 5.5V
VIN = 2.7V to 3.6V
VIN = 5V, COUT = 150µF from EN driven
low to 50% full VOUT
ILOAD = 400mA
TA = +25°C
TA = 0°C to +85°C
VEN = VIN or GND
ILOAD = 400mA
VIN = 2.7V to 5.5V
CONDITIONS
µA
15
Supply Leakage Current
0.01
2
µA
35
IQ
Supply Current, High-Level
Input
14
25
µA
0.001
1
Supply Current, Low-Level Input
mA
500
700
ISC
Short-Circuit Output Current
mA
700
850
1000
ILIMIT
Overload Output Current
ms
1
Start-Up Time
µA
-1
+1
EN Input Current
V
0.8
VIL
EN Low-Level Input Voltage
V
2.7
5.5
VIN
Input Voltage
V
2.4
VIH
EN High-Level Input Voltage
2.0
µs
36
20
tOFF
Switch Turn-Off Time
60
90
125
m
Ω
72
150
RDS(ON)
Switch Static Drain-Source
On-State Resistance
µs
80
200
tON
Switch Turn-On Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = VOC = 5V
ISINK = 1mA, VIN = 3V
Rising edge, 100mV hysteresis
From overcurrent condition to OC assertion
°C
+165
Thermal Shutdown Threshold
ms
710
13
tBL
OC Blanking Timeout Period
µA
1
OC Off-State Current
V
0.4
VOL
OC Output Low Voltage
V
2.0
2.4
2.6
UVLO
Undervoltage Lockout
VIN = 4.4V to 5.5V
VIN = 4.4V to 5.5V
VIN = 3V
Timer not running
VEN = GND, IOUT = 0
TA = +25°C
OPERATING CONDITION
POWER SWITCH
ENABLE INPUT (EN)
CURRENT LIMIT
SUPPLY CURRENT
UNDERVOLTAGE LOCKOUT
OVERCURRENT (OC)
THERMAL SHUTDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com