Electronic Components Datasheet Search
  English  ▼

X  

MAX1607ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1607ESA
Description  USB Current-Limited Switch in Pin-Compatible Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1607ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1607ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
USB Current-Limited Switch
in Pin-Compatible Package
_______________________________________________________________________________________
3
Note 1: Specifications to -40°C are guaranteed by design, not production tested.
Note 2: TDFN package parts are 100% production tested at TA = +25°C. Specifications over operating temperature are guaranteed
by design.
ELECTRICAL CHARACTERISTICS
(VIN = +5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
VIN = VOC = 5V
ISINK = 1mA, VIN = 3V
Rising edge, 100mV hysteresis
VEN = VIN = 5.5V, VOUT = GND
VEN = GND, IOUT = 0, timer not running
VEN = VIN = VOUT = 5.5V
VIN = 3.0V to 5.5V
VIN = 3.7V to 5.5V
OUT shorted to GND
Force VOUT to 4.5V
VIN = 3.0V to 3.6V
VIN = 4.4V to 5.5V
VIN = 3V
ILOAD = 400mA
ILOAD = 400mA
VEN = VIN or GND
CONDITIONS
µA
1
OC Off-State Current
V
0.4
VOL
OC Output Low Voltage
V
2.0
2.9
UVLO
Undervoltage Lockout
µA
15
Supply Leakage Current
µA
25
IQ
Supply Current, High-Level
Input
µA
2
Supply Current, Low-Level Input
mA
750
ISC
Short-Circuit Output Current
mA
640
1060
ILIMIT
Overload Output Current
µA
-1
+1
EN Input Current
V
3.0
5.5
VIN
Input Voltage
V
0.8
VIL
EN Low-Level Input Voltage
V
2.4
VIH
EN High-Level Input Voltage
2.0
125
m
Ω
150
RDS(ON)
Switch Static Drain-Source
On-State Resistance
µs
200
tON
Switch Turn-On Time
µs
120
tOFF
Switch Turn-Off Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
OC Blanking Timeout Period
tBL
From overcurrent condition to OC assertion
614
ms
OPERATING CONDITION
POWER SWITCH
ENABLE INPUT (EN)
CURRENT LIMIT
SUPPLY CURRENT
UNDERVOLTAGE LOCKOUT
OVERCURRENT (OC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com