Electronic Components Datasheet Search
  English  ▼

X  

H8PS Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # H8PS
Description  Cam Positioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button H8PS Datasheet HTML 9Page - Omron Electronics LLC H8PS Datasheet HTML 10Page - Omron Electronics LLC H8PS Datasheet HTML 11Page - Omron Electronics LLC H8PS Datasheet HTML 12Page - Omron Electronics LLC H8PS Datasheet HTML 13Page - Omron Electronics LLC H8PS Datasheet HTML 14Page - Omron Electronics LLC H8PS Datasheet HTML 15Page - Omron Electronics LLC H8PS Datasheet HTML 16Page - Omron Electronics LLC H8PS Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Cam Positioner
H8PS
C-167
!WARNING
1. The H8PS has a built-in lithium battery. Be sure to dispose of
the old H8PS properly, as lithium batteries are likely to explode
if incinerated.
2. Electrical shock hazard
Never touch the input terminals of any H8PS Cam Positioner
when power is being applied to the Cam Positioner.
I Rotary Encoder
Make sure that the E6CP Encoder is not subjected to oil or water. If
oil or water enters the interior, malfunctions may occur. For use in
environments subject to water drops or oil, use the E6F.
Make sure that there is no foreign matter in the Connector before
connecting the Encoder.
Rotary Encoders consist of precision parts. Their operation may be
damaged if the Encoder is dropped. Be very careful with handling.
When joining to a chain, timing belt, or gears, interpose a coupling
and bearings before the Encoder.
Large mounting deviations (eccentric centers or angles) may cause
an excessive load on the Encoder’s shaft, resulting in damage or
drastically reduced life expectancy. Take care not to place excessive
loads on the shaft.
Keep the tightening torque around 0.49 N·m when fastening the
rotary Encoder.
Do not pull the wiring at a force greater than 29.4 N when the main
unit is fastened and wired.
If you insert a coupling on the shaft, do not hammer on the coupling
or otherwise subject it to shock.
Mounting Procedure
1. Place a coupling on the shaft.
Do not screw the coupling and shaft tight.
2. Fasten the Encoder.
Do not insert the shaft to the coupling more than the length shown
below.
3. Fasten the coupling.
4. Connect power supply and input/output lines.
Make sure you turn off the power supply when wiring.
5. Turn on the power and check outputs.
0
1234
5
678910
11
12
13
14
15
0
°
1
°
3
°
4
°
6
°
7
°
8
°
10
°
11
°
13
°
14
°
15
°
17
°
18
°
20
°
21
°
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
23
°
24
°
25
°
27
°
28
°
30
°
31
°
32
°
34
°
35
°
37
°
38
°
39
°
41
°
42
°
44
°
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
45
°
46
°
48
°
49
°
51
°
52
°
53
°
55
°
56
°
58
°
59
°
60
°
62
°
63
°
65
°
66
°
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
293
°
294
°
295
°
297
°
298
°
300
°
301
°
302
°
304
°
305
°
307
°
308
°
309
°
311
°
312
°
314
°
224
225
226
227
228
229
230
231
232
233
234
235
236
237
238
239
315
°
316
°
318
°
319
°
321
°
322
°
323
°
325
°
326
°
328
°
329
°
330
°
332
°
333
°
335
°
336
°
240
241
242
243
244
245
246
247
248
249
250
251
252
253
254
255
338
°
339
°
340
°
342
°
343
°
345
°
346
°
347
°
349
°
350
°
352
°
353
°
354
°
356
°
357
°
359
°
Chain sprocket
Bearing
Coupling
Rotary Encoder
29.4 N max.
Main unit
Cord
Fastening
plate
Shaft coupling
Length of insertion
E69-C06B
5.5 mm
E69-C10B
7.1 mm
Shaft coupling
Tightening torque
E69-C06B
0.25 N·m
E69-C10B
0.44 N·m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com