Electronic Components Datasheet Search
  English  ▼

X  

H8PS Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # H8PS
Description  Cam Positioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button H8PS Datasheet HTML 10Page - Omron Electronics LLC H8PS Datasheet HTML 11Page - Omron Electronics LLC H8PS Datasheet HTML 12Page - Omron Electronics LLC H8PS Datasheet HTML 13Page - Omron Electronics LLC H8PS Datasheet HTML 14Page - Omron Electronics LLC H8PS Datasheet HTML 15Page - Omron Electronics LLC H8PS Datasheet HTML 16Page - Omron Electronics LLC H8PS Datasheet HTML 17Page - Omron Electronics LLC H8PS Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
C-168
Cam Positioner
H8PS
Operating Procedures
I Functions
I Operation
The H8PS Cam Positioner receives angle signal inputs from the Encoder, and outputs the preset ON/OFF angles as control signals (cams number
1 to 8).
Program Example
Classifications
Functions
Encoder rotational direction switch
Encoder data revolutions can be set to clockwise or counterclockwise.
Encoder origin designation
The process display angle can be set to the origin as 0
° at the press of a button.
Angle display switch
The unit can convert the display of absolute encoder values 256 divisions/revolution to 360
°/revolution.
Rotation display monitor
Graphic display of encoder rotational angle position.
Teaching
The unit can set the ON/OFF angle from actual operation of the machine.
Monitor contents
Process value display (character height: 11 mm), output display, settings display, set cam number dis-
play, mode display, revolution display, operation step display, and error message display.
Control output (cam number)
STEP 1
STEP 2
ON angle
OFF angle
ON angle
OFF angle
145
°
180
°
---
---
20
°
90
°
180
°
270
°
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
8
135
°
225
°
315
°
45
°
315
Operation Example
Note: 1. When the setting angles for STEP 1 and STEP 2 of same output are overlapped, the operation is as follows:
2. The operating output RUN OUT" does not turn ON during programming. The operation output turns ON with the timing shown in
the diagram, but it remains OFF when an error occurs. Thus, you can use the output as a timing signal during operation, including
test runs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com