Electronic Components Datasheet Search
  English  ▼

X  

H8PS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H8PS
Description  Cam Positioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS Datasheet(HTML) 2 Page - Omron Electronics LLC

  H8PS Datasheet HTML 1Page - Omron Electronics LLC H8PS Datasheet HTML 2Page - Omron Electronics LLC H8PS Datasheet HTML 3Page - Omron Electronics LLC H8PS Datasheet HTML 4Page - Omron Electronics LLC H8PS Datasheet HTML 5Page - Omron Electronics LLC H8PS Datasheet HTML 6Page - Omron Electronics LLC H8PS Datasheet HTML 7Page - Omron Electronics LLC H8PS Datasheet HTML 8Page - Omron Electronics LLC H8PS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
C-156
Cam Positioner
H8PS
Ordering Information
I Cam Positioner
I Rotary Encoder
I Accessories (Order Separately)
Note: Please inquire about the availability of non-standard lengths.
Mounting method
Output configuration
Model
Flush
NPN transistor output
H8PS-8B
PNP transistor output
H8PS-8BP
Surface/Track
NPN transistor output
H8PS-8BF
PNP transistor output
H8PS-8BFP
Type
Cable
length
Model
Economy
2 m
E6CP-AG5C-C
Rigid
E6F-AG5C-C
Item
Specification
Model
Protective Cover
---
Y92A-96B
Shaft Coupling for E6CP
Axis dia.: 6 mm
E69-C06B
Shaft Coupling for E6F
Axis dia.: 10 mm
E69-C10B
Extension Cable (see note)
5 m (same for E6CP and E6F)
E69-DF5
Parallel Input Adapter
---
Y92C-30
Mounting Base
For H8PS-8BF
@
Y92F-91
DIN Track
Length: 50 cm
PFP-50N
Length: 100 cm
PFP-100N(2)
Spacer
---
PFP-S
End Plate
---
PFP-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com