Electronic Components Datasheet Search
  English  ▼

X  

MAX4541ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4541ESA
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4541ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4541ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX4541–MAX4544 are precision, dual analog
switches designed to operate from a single +2.7V to +12V
supply. Low power consumption (5µW) makes these parts
ideal for battery-powered equipment. These switches offer
low leakage currents (100pA max) and fast switching
speeds (tON = 150ns max, tOFF = 100ns max).
When powered from a +5V supply, the MAX4541–
MAX4544 offer 2
Ω max matching between channels, 60Ω
max on-resistance (RON), and 6
Ω max RON flatness.
These switches also offer 5pC max charge injection and
a minimum of 2000V ESD protection per Method 3015.7.
The MAX4541/MAX4542/MAX4543 are dual single-pole/
single-throw (SPST) devices and the MAX4544 is a single-
pole/double-throw (SPDT) device. The MAX4541 has two
normally open (NO) switches and the MAX4542 has two
normally closed (NC) switches. The MAX4543 has one NO
and one NC switch and can be used as an SPDT, while the
MAX4544 is an SPDT. The MAX4541/MAX4542/MAX4543
are available in tiny SOT23-8 and 8-pin TDFN packages,
and the MAX4544 is available in a SOT23-6 package.
________________________Applications
____________________________Features
♦ 60
Ω max (33Ω typ) Low RON
♦ 2
Ω max RON Matching Between Channels
♦ 6
Ω max RON Flatness
♦ 5pC max Guaranteed Charge Injection
♦ +2.7V to +12V Single-Supply Operation
♦ < 5µW Low Power Consumption
♦ Low Leakage Current Over Temperature:
10nA max at +85°C
♦ Fast Switching: tON = 35ns, tOFF = 25ns
♦ Guaranteed Break-Before-Make
(MAX4543/MAX4544 Only)
♦ TTL/CMOS-Logic Compatible
♦ Pin Compatible with MAX323/MAX324/MAX325
♦ MAX4541/MAX4542/MAX4543 Available in SOT23-8
MAX4544 Available in SOT23-6
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
________________________________________________________________ Maxim Integrated Products
1
19-1202; Rev 4; 6/07
Ordering Information continued at end of data sheet.
*Dice are specified at TA = +25°C.
**EP = Exposed pad.
Ordering Information
Pin Configurations/Functional Diagrams/Truth Tables
μMAX/SO/DIP/TDFN
8
7
6
5
1
2
3
4
V+
PIN 6
IN
N.C.
N.C.
GND
NC
COM
NO
MAX4544
SOT23-6*
6
5
4
1
2
3
NO
COM
NC
GND
V+
IN
6
AAAM
54
123
MAX4544
MAX4544
SWITCHES SHOWN FOR "0" INPUT
N.C. = NOT INTERNALLY CONNECTED
MAX4541/MAX4542/MAX4543
APPEAR AT END OF DATA SHEET.
*NOTE: SOT23-6 PACKAGE
HAS LETTERING NEAREST PIN 6
TOP VIEW
MAX4544
LOGIC
NC
0
1
ON
OFF
NO
OFF
ON
Battery-Operated Systems
Sample-and-Hold Circuits
Heads-Up Displays
Guidance and Control
Systems
Audio and Video
Switching
Military Radios
Test Equipment
Communications Systems
+3V/+5V DACs and ADCs
PBX, PABX
Cell Phones
Ultrasound
Pagers
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4541CUA
0°C to +70°C
8 µMAX®
—
MAX4541CSA
0°C to +70°C
8 SO
—
MAX4541CPA
0°C to +70°C
8 Plastic DIP
—
MAX4541C/D
0°C to +70°C
Dice*
—
MAX4541EKA-T
-40°C to +85°C
8 SOT23-8
AAAE
MAX4541ETA
-40°C to +85°C
8 TDFN-EP**
—
MAX4541EUA
-40°C to +85°C
8 µMAX
—
MAX4541ESA
-40°C to +85°C
8 SO
—
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX4541ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541ESA MAXIM-MAX4541ESA Datasheet
282Kb / 13P
Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
More results

Similar Description - MAX4541ESA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
June 2003
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
November 17, 2004
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
April 2003
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
April 12, 2005
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
September 2003
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com