Electronic Components Datasheet Search
  English  ▼

X  

MAX4541ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4541ESA
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4541ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4541ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NAME
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
6
_______________________________________________________________________________________
Applications Information
Logic Levels
The MAX4541–MAX4544 are TTL compatible when
powered from a single +5V supply. When powered
from other supply voltages, TTL compatibility is guar-
anteed and the logic inputs can be driven rail-to-rail.
For example, with a +12V supply, IN1 and IN2 can be
driven low to 0 and high to 12V. With a +3.3V supply,
IN1 and IN2 should be driven low to 0 and high to
3.3V.
Driving IN1 and IN2 rail-to-rail minimizes power con-
sumption.
Analog Signal Levels
Analog signals that range over the entire supply voltage
(V+ to GND) can be switched with very little change in
on-resistance over the entire voltage range (see the
Typical Operating Characteristics). All the switches are
bidirectional, so the NO_, NC_, and COM_ pins can be
used as either inputs or outputs.
Pin Description
POSITIVE SUPPLY
COM
NO
D2
D1
GND
Vg
V+
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
Digital Control Input 1
7
2
Analog Switch 2—Common
6
6
Analog Switch 2—Normally Open
—
5
Ground—Negative Supply Input
4
4
PIN
Digital Control Input 2
3
3
Analog Switch 1—Common
2
Positive Supply Voltage Input
Analog Switch 1—Normally Open
1
1
FUNCTION
8
8
7
Not Connected (Open Circuit)
—
—
Analog Switch—Normally Closed
—
—
Analog Switch—Normally Open
—
—
Analog Switch 2—Normally Closed
5
—
Analog Switch 1—Normally Closed
—
Digital Control Input
—
—
—
2
6
—
4
3
—
8
7
1
—
—
5
—
—
8
4
—
6
3
—
2
7
1
—
—
5
—
—
7
4
—
6
3
8
1
2
—
—
—
5
—
—
IN1
COM2
NO2
GND
IN2
COM1
NO1
NAME
V+
N.C.
NC
NO
NC2
NC1
IN
Analog Switch—Common
—
—
—
—
—
COM
8
4
5
6
3
1
2
7
—
—
—
—
—
—
—
—
—
—
4
—
—
—
8
5, 6
3
1
—
—
7
—
—
—
3
—
—
—
2
—
4
6
—
—
1
2
5
MAX4543
DIP/SO/
µMAX/
TDFN
MAX4541
DIP/SO/
µMAX/
TDFN
SOT23-8
DIP/SO/
µMAX/
TDFN
MAX4542
SOT23-8
SOT23-8
DIP/SO/
µMAX/
TDFN
MAX4544
SOT23-6
Exposed Pad. Connect EP to V+.
EP
EP
EP
—
—
EP
—
EP
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com