Electronic Components Datasheet Search
  English  ▼

X  

MAX4541ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4541ESA
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4541ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4541ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4541ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, GND = 0, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
V+ = 5.5V, VIN = 0 or V+, all channels on or off
µA
-1
±0.0001
+1
I+
Positive Supply Current
V
0.8
VINL
Input-Voltage Low
V
2.4
VINH
Input-Voltage High
f = 1MHz, TA = +25°C, Figure 7
pF
8
CCOM(OFF)
COM_ Off-Capacitance
f = 1MHz, TA = +25°C, Figure 7
pF
8
COFF
NC_ or NO_ Capacitance
RL = 50
Ω, CL = 5pF, f = 1MHz, TA = +25°C,
Figure 6
dB
-90
Crosstalk (Note 9)
RL = 50
Ω, CL = 5pF, f = 1MHz, TA = +25°C,
Figure 5
dB
-76
OIRR
Off-Isolation (Note 8)
150
240
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
CL = 1.0nF, VGEN = 0, RGEN = 0, TA = +25°C,
Figure 4
pC
15
Q
Charge Injection
(Note 4)
V
2.7
12
V+
Power-Supply Range
VNO_ or VNC_ = 3V,
Figure 2
ns
25
75
tOFF
Turn-Off Time
MAX4543/MAX4544 only, RL = 300
Ω, CL = 35pF
ns
210
tD
Break-Before-Make Time
Delay (Note 4)
VNO_ or VNC_ = 3V,
Figure 2
ns
35
100
tON
Turn-On Time
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
13
f = 1MHz, TA = +25°C,
Figure 7
pF
20
CCOM(ON)
COM_ On-Capacitance
DYNAMIC
SUPPLY
LOGIC INPUT
MAX4541/MAX4542/
MAX4543
MAX4544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com