Electronic Components Datasheet Search
  English  ▼

X  

GD300MLX65B3ST Datasheet(PDF) 3 Page - StarPower Europe AG

Part # GD300MLX65B3ST
Description  650V/300A 3-level in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD300MLX65B3ST Datasheet(HTML) 3 Page - StarPower Europe AG

  GD300MLX65B3ST Datasheet HTML 1Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 2Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 3Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 4Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 5Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 6Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 7Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 8Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GD300MLX65B3ST
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/16/2020
3/11
Preliminary
T1-T4 IGBT Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=300A,VGE=15V,
Tj=25
oC
1.45
1.80
V
IC=300A,VGE=15V,
Tj=125
oC
1.60
IC=300A,VGE=15V,
Tj=150
oC
1.70
VGE(th)
Gate-Emitter Threshold
Voltage
IC=4.80mA,VCE=VGE,
Tj=25
oC
5.1
5.8
6.5
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
1.0
Ω
Cies
Input Capacitance
VCE=25V,f=1MHz,
VGE=0V
34.8
nF
Cres
Reverse Transfer
Capacitance
0.69
nF
QG
Gate Charge
VGE=-15…+15V
2.08
μC
td(on)
Turn-On Delay Time
VCC=300V,IC=300A,
RG=2.4Ω,VGE=±15V,
Tj=25
oC
110
ns
tr
Rise Time
50
ns
td(off)
Turn-Off Delay Time
392
ns
tf
Fall Time
40
ns
Eon
Turn-On Switching
Loss
1.96
mJ
Eoff
Turn-Off Switching
Loss
6.40
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=300A,
RG=2.4Ω,VGE=±15V,
Tj=125
oC
120
ns
tr
Rise Time
60
ns
td(off)
Turn-Off Delay Time
416
ns
tf
Fall Time
56
ns
Eon
Turn-On Switching
Loss
3.10
mJ
Eoff
Turn-Off Switching
Loss
9.60
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=300A,
RG=2.4Ω,VGE=±15V,
Tj=150
oC
130
ns
tr
Rise Time
60
ns
td(off)
Turn-Off Delay Time
424
ns
tf
Fall Time
56
ns
Eon
Turn-On Switching
Loss
3.30
mJ
Eoff
Turn-Off Switching
Loss
10.0
mJ
ISC
SC Data
tP≤6μs,VGE=15V,
Tj=150
oC,V
CC=360V,
VCEM≤650V
1500
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com