Electronic Components Datasheet Search
  English  ▼

X  

GD300MLX65B3ST Datasheet(PDF) 4 Page - StarPower Europe AG

Part # GD300MLX65B3ST
Description  650V/300A 3-level in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD300MLX65B3ST Datasheet(HTML) 4 Page - StarPower Europe AG

  GD300MLX65B3ST Datasheet HTML 1Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 2Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 3Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 4Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 5Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 6Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 7Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 8Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GD300MLX65B3ST
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/16/2020
4/11
Preliminary
D1-D4 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=200A,VGE=0V,Tj=25
oC
1.55
2.00
V
IF=200A,VGE=0V,Tj=125
oC
1.50
IF=200A,VGE=0V,Tj=150
oC
1.45
Qr
Recovered Charge
VR=300V,IF=200A,
-di/dt=5700A/μs,VGE=-15V
Tj=25
oC
10.0
μC
IRM
Peak Reverse
Recovery Current
160
A
Erec
Reverse Recovery
Energy
3.00
mJ
Qr
Recovered Charge
VR=300V,IF=200A,
-di/dt=5700A/μs,VGE=-15V
Tj=125
oC
17.0
μC
IRM
Peak Reverse
Recovery Current
230
A
Erec
Reverse Recovery
Energy
5.20
mJ
Qr
Recovered Charge
VR=300V,IF=200A,
-di/dt=5700A/μs,VGE=-15V
Tj=150
oC
20.0
μC
IRM
Peak Reverse
Recovery Current
240
A
Erec
Reverse Recovery
Energy
5.80
mJ
D5,D6 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=300A,VGE=0V,Tj=25
oC
1.55
2.00
V
IF=300A,VGE=0V,Tj=125
oC
1.50
IF=300A,VGE=0V,Tj=150
oC
1.45
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=7150A/μs,VGE=-15V
Tj=25
oC
14.3
μC
IRM
Peak Reverse
Recovery Current
209
A
Erec
Reverse Recovery
Energy
3.74
mJ
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=7150A/μs,VGE=-15V
Tj=125
oC
26.4
μC
IRM
Peak Reverse
Recovery Current
259
A
Erec
Reverse Recovery
Energy
6.82
mJ
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=7150A/μs,VGE=-15V
Tj=150
oC
30.8
μC
IRM
Peak Reverse
Recovery Current
275
A
Erec
Reverse Recovery
Energy
7.70
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com