Electronic Components Datasheet Search
  English  ▼

X  

GD300MLX65B3ST Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD300MLX65B3ST
Description  650V/300A 3-level in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD300MLX65B3ST Datasheet(HTML) 1 Page - StarPower Europe AG

  GD300MLX65B3ST Datasheet HTML 1Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 2Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 3Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 4Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 5Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 6Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 7Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 8Page - StarPower Europe AG GD300MLX65B3ST Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GD300MLX65B3ST
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/16/2020
1/11
Preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD300MLX65B3ST
650V/300A 3-level in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
3-level-applications.
Features
Low VCE(sat) trench IGBT technology
6μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
Typical Applications
Solar power
UPS
3-level-applications
Equivalent Circuit Schematic


Similar Part No. - GD300MLX65B3ST

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD300MLX65C2S STARPOWER-GD300MLX65C2S Datasheet
427Kb / 11P
650V/300A in one-package
6/30/2023
More results

Similar Description - GD300MLX65B3ST

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300N-060 FUJI-2MBI300N-060 Datasheet
177Kb / 4P
600V / 300A 2 in one-package
2MBI300N-120-01 FUJI-2MBI300N-120-01 Datasheet
278Kb / 4P
1200V / 300A 2 in one-package
2MBI300NB-060-01 FUJI-2MBI300NB-060-01 Datasheet
181Kb / 4P
600V / 300A 2 in one-package
logo
List of Unclassifed Man...
2MBI300UC-120 ETC2-2MBI300UC-120 Datasheet
108Kb / 4P
IGBT Module U-Series 1200V / 300A 2 in one-package
logo
Fuji Electric
2MBI300N-060-04 FUJI-2MBI300N-060-04 Datasheet
181Kb / 4P
600V / 300A 2 in one-package
2MBI300S-120 FUJI-2MBI300S-120 Datasheet
853Kb / 4P
1200V / 300A 2 in one-package
1MBI300S-120 FUJI-1MBI300S-120 Datasheet
477Kb / 4P
1200V / 300A 1 in one-package
1MBI300HH-120L-50 FUJI-1MBI300HH-120L-50 Datasheet
493Kb / 7P
IGBT MODULE 1200V / 300A / 1 in one package
logo
Nell Semiconductor Co.,...
NSGM300GB12B NELLSEMI-NSGM300GB12B Datasheet
995Kb / 4P
IGBT Module (2 in one-package), 300A
logo
MacMic
MMG300B065PD6TC MACMIC-MMG300B065PD6TC Datasheet
1Mb / 6P
650V 300A Three Level Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com