Electronic Components Datasheet Search
  English  ▼

X  

0719087 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0719087
Description  UK 2,5 N GN - Feed-through terminal block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0719087 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0719087 Datasheet HTML 1Page - PHOENIX CONTACT 0719087 Datasheet HTML 2Page - PHOENIX CONTACT 0719087 Datasheet HTML 3Page - PHOENIX CONTACT 0719087 Datasheet HTML 4Page - PHOENIX CONTACT 0719087 Datasheet HTML 5Page - PHOENIX CONTACT 0719087 Datasheet HTML 6Page - PHOENIX CONTACT 0719087 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Dimensions
Width
5.2 mm
End cover width
1.5 mm
Material specifications
Color
green (RAL 6021)
Flammability rating according to UL 94
V2
Insulating material group
I
Insulating material
PA
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
125 °C
Relative insulation material temperature index (Elec., UL 746 B)
125 °C
Electrical tests
Surge voltage test
Test voltage setpoint
9.8 kV
Result
Test passed
Temperature-rise test
Requirement temperature-rise test
Increase in temperature ≤ 45 K
Result
Test passed
Short-time withstand current 2.5 mm²
0.3 kA
Short-time withstand current 4 mm²
0.48 kA
Result
Test passed
Power-frequency withstand voltage
Test voltage setpoint
2 kV
Result
Test passed
Mechanical properties
Mechanical data
Open side panel
Yes
Mechanical tests
Mechanical strength
Result
Test passed
Attachment on the carrier
DIN rail/fixing support
NS 32/NS 35
Test force setpoint
1 N
Result
Test passed
Test for conductor damage and slackening
Rotation speed
10 rpm
UK 2,5 N GN - Feed-through terminal block
0719087
https://www.phoenixcontact.com/us/products/0719087
Mar 17, 2025, 12:22 AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com