Electronic Components Datasheet Search
  English  ▼

X  

0719087 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0719087
Description  UK 2,5 N GN - Feed-through terminal block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0719087 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0719087 Datasheet HTML 1Page - PHOENIX CONTACT 0719087 Datasheet HTML 2Page - PHOENIX CONTACT 0719087 Datasheet HTML 3Page - PHOENIX CONTACT 0719087 Datasheet HTML 4Page - PHOENIX CONTACT 0719087 Datasheet HTML 5Page - PHOENIX CONTACT 0719087 Datasheet HTML 6Page - PHOENIX CONTACT 0719087 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, number of
connections: 2, connection method: Screw connection, Rated cross section: 2.5 mm2, cross
section: 0.2 mm2 - 4 mm2, mounting type: NS 35/7,5, NS 35/15, NS 32, color: green
Your advantages
Universal foot which can be used on NS 35... and NS 32... DIN rails
•
The UK universal screw terminal block series has the typical features which are decisive for practical applications
•
Potential distribution via fixed bridges in the terminal center or insertion bridges in the clamping space
•
Commercial data
Item number
0719087
Packing unit
1 pc
Note
Made to order (non-returnable)
Sales key
BE12
Product key
BE1211
GTIN
4017918599447
Weight per piece (including packing)
6.427 g
Weight per piece (excluding packing)
5.927 g
Customs tariff number
85369010
Country of origin
IN
UK 2,5 N GN - Feed-through terminal block
0719087
https://www.phoenixcontact.com/us/products/0719087
Mar 17, 2025, 12:22 AM
Page 1 (7)


Similar Part No. - 0719087

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
07190-12 QUALTEK-07190-12 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
07190-24 QUALTEK-07190-24 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
07190-36 QUALTEK-07190-36 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
07190-40 QUALTEK-07190-40 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
07190-50 QUALTEK-07190-50 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
More results

Similar Description - 0719087

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0719074 PHOENIX-0719074 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N RD
0719090 PHOENIX-0719090 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N WH
0719100 PHOENIX-0719100 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N BK
0719252 PHOENIX-0719252 Datasheet
73Kb / 6P
Feed-through terminal block - UK 2,5 N BN
3004016 PHOENIX-3004016 Datasheet
63Kb / 5P
Feed-through terminal block - UK 5
3048250 PHOENIX-3048250 Datasheet
85Kb / 7P
Feed-through terminal block - UK 2,5 N BD:GNYE
3209582 PHOENIX-3209582 Datasheet
94Kb / 6P
Feed-through terminal block - PT 2,5-QUATTRO GN
3037326 PHOENIX-3037326 Datasheet
596Kb / 31P
Feed-through terminal block - ST 2,5-TWIN GN
3209513 PHOENIX-3209513 Datasheet
468Kb / 22P
Feed-through terminal block - PT 2,5 GN
1923160 PHOENIX-1923160 Datasheet
236Kb / 21P
Feed-through terminal block - UK 5-TWIN GN
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com