Electronic Components Datasheet Search
  English  ▼

X  

0719087 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0719087
Description  UK 2,5 N GN - Feed-through terminal block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0719087 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0719087 Datasheet HTML 1Page - PHOENIX CONTACT 0719087 Datasheet HTML 2Page - PHOENIX CONTACT 0719087 Datasheet HTML 3Page - PHOENIX CONTACT 0719087 Datasheet HTML 4Page - PHOENIX CONTACT 0719087 Datasheet HTML 5Page - PHOENIX CONTACT 0719087 Datasheet HTML 6Page - PHOENIX CONTACT 0719087 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Feed-through terminal block
Number of connections
2
Number of rows
1
Potentials
1
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Electrical properties
Rated surge voltage
8 kV
Maximum power dissipation for nominal condition
0.77 W
Connection data
Number of connections per level
2
Nominal cross section
2.5 mm²
Level 1 above 1 below 1
Screw thread
M3
Tightening torque
0.6 ... 0.8 Nm
Stripping length
7 mm
Internal cylindrical gage
A3
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section rigid
0.2 mm² ... 4 mm²
Cross section AWG
24 ... 12 (converted acc. to IEC)
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section, flexible [AWG]
24 ... 14 (converted acc. to IEC)
Conductor cross-section flexible (ferrule without plastic sleeve)
0.25 mm² ... 2.5 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.25 mm² ... 1.5 mm²
Cross-section with insertion bridge, rigid
2.5 mm²
Cross-section with insertion bridge, flexible
2.5 mm²
2 conductors with same cross section, solid
0.2 mm² ... 1 mm²
2 conductors with same cross section, flexible
0.2 mm² ... 1 mm²
2 conductors with same cross section, flexible, with ferrule
without plastic sleeve
0.25 mm² ... 1 mm²
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 1.5 mm²
Nominal current
24 A
Maximum load current
24 A (with a 2.5 mm² conductor cross section)
Nominal voltage
800 V
Nominal cross section
2.5 mm²
UK 2,5 N GN - Feed-through terminal block
0719087
https://www.phoenixcontact.com/us/products/0719087
Mar 17, 2025, 12:22 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com