Electronic Components Datasheet Search
  English  ▼

X  

IRS2153 Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2153
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2153 Datasheet(HTML) 2 Page - International Rectifier

  IRS2153 Datasheet HTML 1Page - International Rectifier IRS2153 Datasheet HTML 2Page - International Rectifier IRS2153 Datasheet HTML 3Page - International Rectifier IRS2153 Datasheet HTML 4Page - International Rectifier IRS2153 Datasheet HTML 5Page - International Rectifier IRS2153 Datasheet HTML 6Page - International Rectifier IRS2153 Datasheet HTML 7Page - International Rectifier IRS2153 Datasheet HTML 8Page - International Rectifier IRS2153 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
IRS2153(1)D
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead.
The thermal resistance and power dissipation ratings are measured under board mounted and still air
conditions.
Parameter
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
625
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
V
HO
High side floating output voltage
VS – 0.3
VB + 0.3
V
LO
Low side output voltage
-0.3
VCC + 0.3
V
IRT
RT pin current
-5
5
mA
VRT
RT pin voltage
-0.3
VCC + 0.3
VCT
CT pin voltage
-0.3
VCC + 0.3
V
ICC
Supply current (Note 1)
---
20
IOMAX
Maximum allowable current at LO and HO due to external
power transistor Miller effect.
-500
500
mA
dVS/dt
Allowable offset voltage slew rate
-50
50
V/ns
PD
Maximum power dissipation @ TA ≤ +25 ºC, 8-Pin DIP
---
1.0
PD
Maximum power dissipation @ TA ≤ +25 ºC, 8-Pin SOIC
---
0.625
W
RthJA
Thermal resistance, junction to ambient, 8-Pin DIP
---
85
RthJA
Thermal resistance, junction to ambient, 8-Pin SOIC
---
128
ºC/W
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
---
300
ºC
Note 1: This IC contains a zener clamp structure between the chip VCC and COM which has a nominal
breakdown voltage of 15.4 V. Please note that this supply pin should not be driven by a DC, low
impedance power source greater than the VCLAMP specified in the Electrical Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com