Electronic Components Datasheet Search
  English  ▼

X  

IRS2153 Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2153
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2153 Datasheet(HTML) 5 Page - International Rectifier

  IRS2153 Datasheet HTML 1Page - International Rectifier IRS2153 Datasheet HTML 2Page - International Rectifier IRS2153 Datasheet HTML 3Page - International Rectifier IRS2153 Datasheet HTML 4Page - International Rectifier IRS2153 Datasheet HTML 5Page - International Rectifier IRS2153 Datasheet HTML 6Page - International Rectifier IRS2153 Datasheet HTML 7Page - International Rectifier IRS2153 Datasheet HTML 8Page - International Rectifier IRS2153 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
IRS2153(1)D
Electrical Characteristics
VBIAS (VCC, VBS) = 14 V, CT = 1 nF, VS=0 V and TA = 25 °C unless otherwise specified. The output voltage and current (VO and IO)
parameters are referenced to COM and are applicable to the respective output leads: HO or LO. CLO = CHO = 1 nF.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Gate Driver Output Characteristics
VOH
High-level output voltage
---
VCC
---
VOL
Low-level output voltage
---
COM
---
IO = 0 A
VOL_UV
UV-mode output voltage
---
COM
---
V
IO = 0 A,
VCC ≤ VCCUV-
tr
Output rise time
---
120
220
tf
Output fall time
---
50
80
tsd
Shutdown propagation delay
---
350
---
ns
td
Output deadtime (HO or LO) (IRS2153D)
0.65
1.1
1.75
µs
td
Output deadtime (HO or LO) (IRS21531D)
0.35
0.6
0.85
µs
IO+
Output source current
---
180
---
IO-
Output sink current
---
260
---
mA
Bootstrap FET Characteristics
VB_ON
VB when the bootstrap FET is on
---
13.7
---
V
IB_CAP
VB source current when FET is on
40
55
---
CBS=0.1 uF
IB_10V
VB source current when FET is on
10
12
---
mA
VB=10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com