Electronic Components Datasheet Search
  English  ▼

X  

IRS2153 Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2153
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2153 Datasheet(HTML) 4 Page - International Rectifier

  IRS2153 Datasheet HTML 1Page - International Rectifier IRS2153 Datasheet HTML 2Page - International Rectifier IRS2153 Datasheet HTML 3Page - International Rectifier IRS2153 Datasheet HTML 4Page - International Rectifier IRS2153 Datasheet HTML 5Page - International Rectifier IRS2153 Datasheet HTML 6Page - International Rectifier IRS2153 Datasheet HTML 7Page - International Rectifier IRS2153 Datasheet HTML 8Page - International Rectifier IRS2153 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
IRS2153(1)D
Electrical Characteristics
VBIAS (VCC, VBS) = 14 V, CT = 1 nF, VS=0 V and TA = 25 °C unless otherwise specified. The output voltage and current (VO and IO) parameters are
referenced to COM and are applicable to the respective output leads: HO or LO. CLO = CHO = 1 nF.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Low Voltage Supply Characteristics
VCCUV+
Rising VCC undervoltage lockout threshold
10.0
11.0
12.0
VCCUV-
Falling VCC undervoltage lockout threshold
8.0
9.0
10.0
VCCUVHYS
VCC undervoltage lockout hysteresis
1.6
2.0
2.4
V
IQCCUV
Micropower startup VCC supply current
---
130
170
VCC ≤ VCCUV-
IQCC
Quiescent VCC supply current
---
800
1000
µA
ICC
VCC supply current
---
1.8
---
mA
RT = 36.9 kΩ
VCC CLAMP VCC zener clamp voltage
14.4
15.4
16.8
V
ICC = 5 mA
Floating Supply Characteristics
IQBS
Quiescent VBS supply current
---
60
80
µA
VBSUV+
VBS supply undervoltage positive going
threshold
8.0
9.0
9.5
VBSUV-
VBS supply undervoltage negative going
threshold
7.0
8.0
9.0
V
ILK
Offset supply leakage current
---
---
50
µA
VB = VS = 600 V
Oscillator I/O Characteristics
18.4
19.0
19.6
RT = 36.5 kΩ
fOSC
Oscillator frequency
88
93
100
kHz
RT = 7.15 kΩ
d
RT pin duty cycle
---
50
---
%
fo < 100 kHz
ICT
CT pin current
---
0.02
1.0
µA
ICTUV
UV-mode CT pin pulldown current
0.20
0.30
0.6
mA
VCC = 7 V
VCT+
Upper CT ramp voltage threshold
---
9.32
---
VCT-
Lower CT ramp voltage threshold
---
4.66
---
VCTSD
CT voltage shutdown threshold
2.2
2.3
2.4
V
---
10
50
IRT = -100
µA
VRT+
High-level RT output voltage, VCC - VRT
---
100
300
IRT = -1 mA
---
10
50
IRT = 100
µA
VRT-
Low-level RT output voltage
---
100
300
IRT = 1 mA
VRTUV
UV-mode RT output voltage
---
0
100
VCC ≤ VCCUV-
---
10
50
IRT = -100
µA,
VCT = 0 V
VRTSD
SD-mode RT output voltage, VCC - VRT
---
100
300
mV
IRT = -1 mA,
VCT = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com