Electronic Components Datasheet Search
  English  ▼

X  

IRS21531DSPBF.. Datasheet(PDF) 3 Page - International Rectifier

Part # IRS21531DSPBF..
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21531DSPBF.. Datasheet(HTML) 3 Page - International Rectifier

  IRS21531DSPBF.. Datasheet HTML 1Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 2Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 3Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 4Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 5Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 6Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 7Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 8Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
IRS2153(1)D
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Parameter
Symbol
Definition
Min.
Max.
Units
VBS
High side floating supply voltage
VCC - 0.7
VCLAMP
VS
Steady state side floating supply offset voltage
-3.0 (Note 2)
600
VCC
Supply voltage
VCCUV+ +0.1 V
VCC CLAMP
V
ICC
Supply current
(Note 3)
5
mA
TJ
Junction temperature
-40
125
ºC
Note 2: It is recommended to avoid output switching conditions where the negative-going spikes at the VS
node would decrease VS below ground by more than -5 V.
Note 3: Enough current should be supplied to the
VCC pin of the IC to keep the internal 15.6 V zener diode
clamping the voltage at this pin.
Recommended Component Values
Parameter
Symbol
Component
Min.
Max.
Units
RT
Timing resistor value
1
---
k
Ω
CT
CT pin capacitor value
330
---
pF
VBIAS (VCC, VBS) = 14 V, VS=0 V and TA = 25 °C, CLO = CHO = 1 nF.
Frequency vs. RT
10
100
1,000
10,000
100,000
1,000,000
1,000
10,000
100,000
1,000,000
RT (Ohm)
330pf
470pF
1nF
2.2nF
4.7nF
10nF
CT Values
For further information, see Fig. 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com