Electronic Components Datasheet Search
  English  ▼

X  

IRS21531DSPBF.. Datasheet(PDF) 10 Page - International Rectifier

Part # IRS21531DSPBF..
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21531DSPBF.. Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS21531DSPBF.. Datasheet HTML 6Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 7Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 8Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 9Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 10Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 11Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 12Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 13Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
IRS2153(1)D
18
18.2
18.4
18.6
18.8
19
11
12
13
14
15
16
VCC(V)
FREQ vs VCC
90
92
94
96
98
100
-25
0
25
50
75
100
125
Temperature(C)
FREQ vs TEMP
Fig. 3
Fig. 4
0.9
1
1.1
1.2
1.3
1.4
11
12
13
14
15
16
VCC(V)
DT vs VCC
0.75
0.85
0.95
1.05
1.15
1.25
-25
0
25
50
75
100
125
Temperature(C)
DT vs TEMP
Fig. 5 (IRS2153D)
Fig. 6 (IRS2153D)
Tj vs. Frequency (SOIC)
0
10
20
30
40
50
60
70
80
90
20
70
120
Frequency(kHz)
15
16
17
-25
0
25
50
75
100
125
Temperature (°C)
VCC CLAMP vs TEMP
Fig. 7
Fig. 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com