Electronic Components Datasheet Search
  English  ▼

X  

IRS21531DSPBF.. Datasheet(PDF) 1 Page - International Rectifier

Part # IRS21531DSPBF..
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21531DSPBF.. Datasheet(HTML) 1 Page - International Rectifier

  IRS21531DSPBF.. Datasheet HTML 1Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 2Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 3Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 4Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 5Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 6Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 7Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 8Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data Sheet No. PD60238 revE
IRS2153(1)D(S)PbF
SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Features
Product Summary
VOFFSET
600 V Max
Duty cycle
50%
Driver source/sink
current
180 mA/260 mA typ.
Vclamp
15.4 V typ.
Integrated 600 V half-bridge gate driver
CT, RT programmable oscillator
15.4 V Zener clamp on VCC
Micropower startup
Non-latched shutdown on CT pin (1/6th VCC)
Internal bootstrap FET
Excellent latch immunity on all inputs and outputs
+/- 50 V/ns dV/dt immunity
ESD protection on all pins
8-lead SOIC or PDIP package
Internal deadtime
Deadtime
1.1
µs typ. (IRS2153D)
0.6
µs typ. (IRS21531D)
Description
The IRS2153(1)D is based on the popular IR2153 self-
oscillating half-bridge gate driver IC using a more
advanced silicon platform, and incorporates a high
voltage half-bridge gate driver with a front end oscillator
similar to the industry standard CMOS 555 timer. HVIC
and latch immune CMOS technologies enable rugged
monolithic construction. The output driver features a high
pulse current buffer stage designed for minimum driver
cross-conduction. Noise immunity is achieved with low
di/dt peak of the gate drivers.
Package
PDIP8
SO8
IRS2153(1)DPbF
IRS2153(1)DSPbF
Typical Connection Diagram
RT
CT
COM
VCC
1
2
3
4
7
6
5
8
LO
VS
HO
VB
CBOOT
MHS
MLS
L
RL
RVCC
RT
CT
CVCC
+ AC Rectified Line
- AC Rectified Line


Similar Part No. - IRS21531DSPBF..

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS21531DSPBF INFINEON-IRS21531DSPBF Datasheet
363Kb / 14P
SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
More results

Similar Description - IRS21531DSPBF..

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531 IRF-IR21531_15 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IRS2153D IRF-IRS2153D_15 Datasheet
360Kb / 14P
SELF-OSCILLATING HALF-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2153DPBF INFINEON-IRS2153DPBF Datasheet
363Kb / 14P
SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com