Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6467 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 35Page - Texas Instruments TMS320DM6467 Datasheet HTML 36Page - Texas Instruments TMS320DM6467 Datasheet HTML 37Page - Texas Instruments TMS320DM6467 Datasheet HTML 38Page - Texas Instruments TMS320DM6467 Datasheet HTML 39Page - Texas Instruments TMS320DM6467 Datasheet HTML 40Page - Texas Instruments TMS320DM6467 Datasheet HTML 41Page - Texas Instruments TMS320DM6467 Datasheet HTML 42Page - Texas Instruments TMS320DM6467 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 334 page
background image
www.ti.com
TMS320DM6467
Digital Media System-on-Chip
SPRS403 – DECEMBER 2007
Table 2-10. DDR2 Memory Controller Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
DDR_D[31]
Y20
DDR_D[30]
W20
DDR_D[29]
Y21
DDR_D[28]
AA21
DDR_D[27]
U21
DDR_D[26]
T21
DDR_D[25]
R20
DDR_D[24]
T20
DDR_D[23]
AB22
DDR_D[22]
Y22
DDR_D[21]
AA22
DDR_D[20]
AA23
DDR_D[19]
V23
DDR_D[18]
U23
DDR_D[17]
T22
DDR_D[16]
U22
I/O/Z
DVDDR2
DDR2 data bus can be configured as 32 bits wide or 16 bits wide.
DDR_D[15]
H22
DDR_D[14]
G23
DDR_D[13]
G22
DDR_D[12]
F23
DDR_D[11]
E23
DDR_D[10]
C22
DDR_D[9]
B22
DDR_D[8]
C23
DDR_D[7]
H20
DDR_D[6]
G21
DDR_D[5]
F21
DDR_D[4]
G20
DDR_D[3]
B21
DDR_D[2]
C20
DDR_D[1]
D20
DDR_D[0]
C21
DDR_DQGATE0
J19
I/O/Z
DVDDR2
DDR2 strobe gate signal for lower-half data bus
DDR_DQGATE1
J21
I/O/Z
DVDDR2
DDR2 strobe gate signal return for lower-half data bus
DDR_DQGATE2
R19
I/O/Z
DVDDR2
DDR2 strobe gate signal for upper-half data bus
DDR_DQGATE3
R21
I/O/Z
DVDDR2
DDR2 strobe gate signal return for upper-half data bus
DDR_VREF
P23
I
(3)
Reference voltage input for the SSTL_18 IO buffers.
Impedance control for DDR2 outputs. This must be connected via a 48.7-
Ω (±0.5%
DDR_ZP
L19
O/Z
(3)
tolerance) resistor to VSS.
Impedance control for DDR2 outputs. This must be connected via a 48.7-
Ω (±0.5%
DDR_ZN
M19
O/Z
(3)
tolerance) resistor to DVDDR2.
Submit Documentation Feedback
Device Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com