Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6467 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 12Page - Texas Instruments TMS320DM6467 Datasheet HTML 13Page - Texas Instruments TMS320DM6467 Datasheet HTML 14Page - Texas Instruments TMS320DM6467 Datasheet HTML 15Page - Texas Instruments TMS320DM6467 Datasheet HTML 16Page - Texas Instruments TMS320DM6467 Datasheet HTML 17Page - Texas Instruments TMS320DM6467 Datasheet HTML 18Page - Texas Instruments TMS320DM6467 Datasheet HTML 19Page - Texas Instruments TMS320DM6467 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 334 page
background image
www.ti.com
2.4.2
DSP Memory Mapping
TMS320DM6467
Digital Media System-on-Chip
SPRS403 – DECEMBER 2007
The DSP memory map is shown in Section 2.5, Memory Map Summary. Configuration of the control
registers for DDR2, EMIFA, and ARM Internal RAM is supported by the ARM. The DSP has access to
memories shown in the following sections.
2.4.2.1 ARM Internal Memories
The DSP has access to the 32KB ARM Internal RAM on the ARM D-TCM interface (i.e., data only).
2.4.2.2 External Memories
The DSP has access to the following External memories:
• DDR2 Synchronous DRAM
• Asynchronous EMIF / NOR Flash
• ATA
2.4.2.3 DSP Internal Memories
The DSP has access to the following DSP memories:
• L2 RAM
• L1P RAM
• L1D RAM
2.4.2.4 C64x+ CPU
The C64x+ core uses a two-level cache-based architecture. The Level 1 Program memory/cache (L1P)
consists of 32 KB memory space that can be configured as mapped memory or direct mapped cache. The
Level 1 Data memory/cache (L1D) consists of 32 KB that can be configured as mapped memory or 2-way
set associated cache. The Level 2 memory/cache (L2) consists of a 128 KB RAM memory space that is
shared between program and data space. L2 memory can be configured as mapped memory, cache, or a
combination of both.
Table 2-2 shows a memory map of the C64x+ CPU cache registers for the device.
Table 2-2. C64x+ Cache Registers
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x0184 0000
L2CFG
L2 Cache configuration register
0x0184 0020
L1PCFG
L1P Size Cache configuration register
0x0184 0024
L1PCC
L1P Freeze Mode Cache configuration register
0x0184 0040
L1DCFG
L1D Size Cache configuration register
0x0184 0044
L1DCC
L1D Freeze Mode Cache configuration register
0x0184 0048 - 0x0184 0FFC
-
Reserved
0x0184 1000
EDMAWEIGHT
L2 EDMA access control register
0x0184 1004 - 0x0184 1FFC
-
Reserved
0x0184 2000
L2ALLOC0
L2 allocation register 0
0x0184 2004
L2ALLOC1
L2 allocation register 1
0x0184 2008
L2ALLOC2
L2 allocation register 2
0x0184 200C
L2ALLOC3
L2 allocation register 3
0x0184 2010 - 0x0184 3FFF
-
Reserved
0x0184 4000
L2WBAR
L2 writeback base address register
0x0184 4004
L2WWC
L2 writeback word count register
0x0184 4010
L2WIBAR
L2 writeback invalidate base address register
0x0184 4014
L2WIWC
L2 writeback invalidate word count register
0x0184 4018
L2IBAR
L2 invalidate base address register
0x0184 401C
L2IWC
L2 invalidate word count register
Device Overview
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com