Electronic Components Datasheet Search
  English  ▼

X  

MAX7347 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX7347
Description  2-Wire Interfaced Low-EMI Key Switch and Sounder Controllers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7347 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7347 Datasheet HTML 9Page - Maxim Integrated Products MAX7347 Datasheet HTML 10Page - Maxim Integrated Products MAX7347 Datasheet HTML 11Page - Maxim Integrated Products MAX7347 Datasheet HTML 12Page - Maxim Integrated Products MAX7347 Datasheet HTML 13Page - Maxim Integrated Products MAX7347 Datasheet HTML 14Page - Maxim Integrated Products MAX7347 Datasheet HTML 15Page - Maxim Integrated Products MAX7347 Datasheet HTML 16Page - Maxim Integrated Products MAX7347 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
2-Wire Interfaced Low-EMI Key Switch
and Sounder Controllers
______________________________________________________________________________________
13
Command Address Autoincrementing
Address autoincrementing allows the MAX7347/
MAX7348/MAX7349 to be configured with fewer trans-
missions by minimizing the number of times the com-
mand address needs to be sent. The command
address stored in the MAX7347/MAX7348/MAX7349
generally increments after each data byte is written or
read (Table 4). Autoincrementing applies only to the
key-scan command addresses and not to the sounder
command addresses.
Registers Description
Initial Power-Up
On power-up, all control registers are reset and the
MAX7347/MAX7348/MAX7349 enter shutdown mode
(Tables 5, 6). Table 7 shows the register address map
for the key-scan section.
COMMAND ADDRESS
REGISTER
FUNCTION
D15
D14
D13
D12
D11
D10
D9
D8
ADDRESS
CODE
(hex)
Keys FIFO
0000
00
00
0x00
Debounce
0000
00
01
0x01
Autorepeat
0000
00
10
0x02
Interrupt
0000
00
11
0x03
Configuration
0000
01
00
0x04
Ports
0000
01
01
0x05
Key Sound
0000
01
10
0x06
Alert Sound
0000
01
11
0x07
Table 7. Key-Scan Register Address Map
REGISTER DATA
REGISTER
ADDRESS
CODE
(hex)
D7
D6
D5
D4
D3
D2
D1
D0
KEYS FIFO REGISTER*
0X00
OVERFLOW
FLAG
MORE
FLAG
KEY SWITCH THAT HAS BEEN
DEBOUNCED
FIFO has not overflowed
0x00
0
X
X
X
X
X
X
X
FIFO overflowed; FIFO contains the first eight
key events
0x00
1
X
X
X
X
X
X
X
This key is the last FIFO item (key-switch data
not zero)
0x00
X
0
X
X
X
X
X
X
Key 0 was EITHER the last FIFO item OR the
FIFO is empty and no key has been pressed
0x00
0
0
0
0
0
0
0
0
This key is not the last FIFO item
0x00
X
1
X
X
X
X
X
X
Power-up default setting
0x00
0
0
0
0
00
00
Table 8. Keys FIFO Register Format
*
Reading the key-scan FIFO clears the INT. INT is only reasserted by a key event after the FIFO has been emptied by read(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com