Electronic Components Datasheet Search
  English  ▼

X  

MAX7347 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX7347
Description  2-Wire Interfaced Low-EMI Key Switch and Sounder Controllers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7347 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX7347 Datasheet HTML 17Page - Maxim Integrated Products MAX7347 Datasheet HTML 18Page - Maxim Integrated Products MAX7347 Datasheet HTML 19Page - Maxim Integrated Products MAX7347 Datasheet HTML 20Page - Maxim Integrated Products MAX7347 Datasheet HTML 21Page - Maxim Integrated Products MAX7347 Datasheet HTML 22Page - Maxim Integrated Products MAX7347 Datasheet HTML 23Page - Maxim Integrated Products MAX7347 Datasheet HTML 24Page - Maxim Integrated Products MAX7347 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
2-Wire Interfaced Low-EMI Key Switch
and Sounder Controllers
______________________________________________________________________________________
21
REGISTER DATA
REGISTER
ADDRESS
CODE (hex)
D7
D6
D5
D4
D3
D2
D1
D0
This 8-bit value is passed to sounder controller on the falling
edge of the alert input; these 7 bits define duration and
frequency only; sounder command bit D0 is ignored and
fixed internally at 1; if an alert sound is sent as 000xxxxx
(continuous), then the command is stored as 111xxxxx
(1000 ms)
0x07
7-bit value (see Table 16 for functionality)
1
Power-up default setting
0x07
10
11
101
1
Table 15. Alert Sound Register Format
REGISTER DATA
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
SOUNDER REGISTER
READ
WRITE
DURATION
FREQUENCY
LEVEL
BUFFER
No commands are active; OR output is GPO logic 0
Read
0
0
0
0
0
0
0
0
This current command is active, none are queued (so another
command may be sent)
Read
DURATION
FREQUENCY
LEVEL
0
This current command is active, and another command is in
the queue
Read
DURATION
FREQUENCY
LEVEL
1
Perform this command, terminating and clearing any previous
active command, command queue, and autoloop; new
command is now active, and queue is now empty
Write
X
X
X
X
X
X
X
0
Add command to queue if not full; command replaces queued
command if queue is full
Write
X
X
X
X
X
X
X
1
Configure sounder output as general-purpose output, logic 0
(clear queue; sounder output active low with continuous
duration, ie, until a buffer = 0 command)
Write
0
0
0
0
0
0
0
0
Configure sounder output as general-purpose output, logic 1
(clear queue; sounder output active high with continuous
duration, ie, until a buffer = 0 command)
Write
0
0
0
0
0
0
1
0
Autoloop using the current two commands; the active
command is command 1, and the inactive command is
command 2; if no command is active, the oldest command is
reactivated as command 1, and the other command is re-
activated as command 2
Write
0
0
0
0
0
0
0
1
Autoloop is halted at the end of command 2, and output idles
as defined by command 2
Write
0
0
0
0
0
0
1
1
Table 16. Sounder Register Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com