Electronic Components Datasheet Search
  English  ▼

X  

MAX7347 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7347
Description  2-Wire Interfaced Low-EMI Key Switch and Sounder Controllers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7347 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7347 Datasheet HTML 1Page - Maxim Integrated Products MAX7347 Datasheet HTML 2Page - Maxim Integrated Products MAX7347 Datasheet HTML 3Page - Maxim Integrated Products MAX7347 Datasheet HTML 4Page - Maxim Integrated Products MAX7347 Datasheet HTML 5Page - Maxim Integrated Products MAX7347 Datasheet HTML 6Page - Maxim Integrated Products MAX7347 Datasheet HTML 7Page - Maxim Integrated Products MAX7347 Datasheet HTML 8Page - Maxim Integrated Products MAX7347 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2-Wire Interfaced Low-EMI Key Switch
and Sounder Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
V+ ............................................................................-0.3V to +4V
COL2/PORT2–COL7/PORT7 ....................................-0.3V to +4V
SDA, SCL, AD0, ALERT, INT ....................................-0.3V to +6V
All Other Pins................................................-0.3V to (V+ + 0.3V)
DC Current on COL2/PORT2–COL7/PORT7 ......................25mA
DC Current on SOUNDER ................................................±25mA
GND Current .......................................................................80mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........666mW
16-Pin TQFN (derate 16.9mW/°C above +70°C).......1349.1mW
20-Pin QSOP (derate 9.1mW/°C above +70°C)...........727mW
24-Pin QSOP (derate 9.5mW/°C above +70°C)...........761mW
24-Pin TQFN (derate 20.8mW/°C above +70°C).......1666.7mW
Operating Temperature Range (TMIN to TMAX) ...-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = 2.4V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 3.3V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
2.4
3.6
V
Operating Supply Current
I+
All key switches open
75
100
µA
Shutdown Supply Current
ISH
6.44
10
µA
SOUNDER Output High Voltage
VOHBUZ
ISOURCE = 10mA
V+ -
0.45
V
SOUNDER Output Low Voltage
VOLBUZ
ISINK = 10mA
0.15
V
SOUNDER Frequency Accuracy
TA = +25°C, V+ = 3.3V
1.2
%
Key-Switch Source Current
IKEY
28
40
µA
Key-Switch Source Voltage
VKEY
0.35
0.65
V
Key-Switch Resistance
RKEY
(Note 3)
1
k
Ω
Startup Time from Shutdown
tSTART
57
200
µs
Output Low Voltage
COL2/PORT2 to COL7/PORT7,
INT Output
VOLPORT
ISINK = 10mA
0.15
V
Input voltage
≤ V+
-1
+1
Input Leakage Current Alert
Input voltage
> V+
-5
+5
µA
Input High Voltage ALERT
VIH
2.2
V
Input Low Voltage ALERT
VIL
0.8
V
SERIAL-INTERFACE SPECIFICATIONS
Serial Bus Timeout
tOUT
With bus timeout enabled
20
68
ms
Input High Voltage
SDA, SCL, AD0
VIH
2.2
V
Input Low Voltage
SDA, SCL, AD0
VIL
0.6
V
Input voltage
≤ V+
-1
+1
Input Leakage Current
SDA, SCL, AD0
Input voltage
> V+
-5
+5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com