Electronic Components Datasheet Search
  English  ▼

X  

TAS5342LDDVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5342LDDVR
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5342LDDVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5342LDDVR Datasheet HTML 10Page - Texas Instruments TAS5342LDDVR Datasheet HTML 11Page - Texas Instruments TAS5342LDDVR Datasheet HTML 12Page - Texas Instruments TAS5342LDDVR Datasheet HTML 13Page - Texas Instruments TAS5342LDDVR Datasheet HTML 14Page - Texas Instruments TAS5342LDDVR Datasheet HTML 15Page - Texas Instruments TAS5342LDDVR Datasheet HTML 16Page - Texas Instruments TAS5342LDDVR Datasheet HTML 17Page - Texas Instruments TAS5342LDDVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.ti.com
0
4
8
12
16
20
24
28
32
36
40
44
48
10
120
20
30
40
50 60
70
80
90 100 110
T -CaseTemperature- C
C
°
3 W
4 W
THD+N@10%
TYPICAL CHARACTERISTICS, PBTL CONFIGURATION
0
20
40
60
80
100
120
140
160
180
200
220
240
0
32
2
4
6 8 10 12 14 16 18 20 22 24 26 28 30
PVDD-SupplyVoltage-Vrms
T =75 C,
THD+N@10%
C
°
8 W
2 W
4 W
3 W
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
400
100m200m
1
2
10 20
100 200
8 W
2 W
4 W
P
-OutputPower-W
O
3 W
T =75 C,
THD+N@10%
C
°
TAS5342L
SLAS558 – OCTOBER 2007
TYPICAL CHARACTERISTICS, SE CONFIGURATION (continued)
OUTPUT POWER
vs
CASE TEMPERATURE
Figure 10.
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 11.
Figure 12.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5342L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com