Electronic Components Datasheet Search
  English  ▼

X  

TAS5342LDDVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5342LDDVR
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5342LDDVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5342LDDVR Datasheet HTML 12Page - Texas Instruments TAS5342LDDVR Datasheet HTML 13Page - Texas Instruments TAS5342LDDVR Datasheet HTML 14Page - Texas Instruments TAS5342LDDVR Datasheet HTML 15Page - Texas Instruments TAS5342LDDVR Datasheet HTML 16Page - Texas Instruments TAS5342LDDVR Datasheet HTML 17Page - Texas Instruments TAS5342LDDVR Datasheet HTML 18Page - Texas Instruments TAS5342LDDVR Datasheet HTML 19Page - Texas Instruments TAS5342LDDVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
PCB Material Recommendation
PVDD Capacitor Recommendation
Decoupling Capacitor Recommendations
System Design Recommendations
GVDD(+12V)
VDD(+12V)
PVDD
PVDD
GVDD(+12V)
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
TAS5508/18
PWM1_P
PWM1_M
PWM2_P
PWM2_M
VALID
Microcontroller
I2C
10µH
100nF
50V
10µH
100nF
TAS5342LDDV
GVDD_B
OTW
SD
PWM_A
RESET_AB
PWM_B
OC_ADJ
GND
AGND
VREG
M3
M2
M1
PWM_C
RESET_CD
PWM_D
GVDD_C
GVDD_D
BST_D
PVDD_D
OUT_D
GND_D
GND_C
OUT_C
PVDD_C
BST_C
BST_B
PVDD_B
OUT_B
GND_B
GND_A
VDD
GVDD_A
BST_A
PVDD_A
OUT_A
NC
NC
NC
NC
NC
PVDD_D
PVDD_A
NC
25V
33nF
100nF
50V
100nF
50V
100nF
470nF
100nF
50V
10µH
470µF
50V
470 F
µ
50V
33nF 25V
3.3 W
100nF
0 W
27k
100nF
33nF 25V
100nF
50V
10nF
50V
100nF
470nF
100nF
100nF
50V
33nF
25V
100nF
50V
100nF
10µH
3.3 W
10nF
50V
10nF
50V
3.3 W
1nF
50V
1nF
50V
1nF
50V
1nF
50V
3.3 W
10nF
50V
10nF
50V
3.3 W
3.3 W
10nF
50V
10 W
10 W
10 W
10 W
50V
GND
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
23
22
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
TAS5342L
SLAS558 – OCTOBER 2007
FR-4 Glass Epoxy material with 2 oz. (70
μm) is recommended for use with the TAS5342L. The use of this
material can provide for higher power output, improved thermal performance, and better EMI margin (due to
lower PCB trace inductance.
The large capacitors used in conjunction with each full-birdge, are referred to as the PVDD Capacitors. These
capacitors should be selected for proper voltage margin and adequate capacitance to support the power
requirements. In practice, with a well designed system power supply, 1000
μF, 50-V will support more
applications. The PVDD capacitors should be low ESR type because they are used in a circuit associtated with
high-speed switching.
In order to design an amplifier that has robust performance, passes regulatory requirements, and exhibits good
audio performance, good quality decoupling capacitors should be used. In practice, X7R should be used in this
application.
The voltage of the decoupling capactors should be selected in accordance with good design practices.
Temperature, ripple current, and voltage overshoot must be considered. This fact is particularly true in the
selection of the 0.1
μF that is placed on the power supply to each half-bridge. It must withstand the voltage
overshoot of the PWM switching, the heat generated by the amplifier during high power output, and the ripple
current created by high power power output. A minimum voltage rating of 50-V is required for use with a 32.0 V
power supply.
The following schematics and PCB layouts illustrate "best practices" in the use of the TAS5342L.
Figure 14. Typical Differential (2N) BTL Application With AD Modulation Filters
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5342L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com