Electronic Components Datasheet Search
  English  ▼

X  

TAS5342LDDVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5342LDDVR
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5342LDDVR Datasheet(HTML) 3 Page - Texas Instruments

  TAS5342LDDVR Datasheet HTML 1Page - Texas Instruments TAS5342LDDVR Datasheet HTML 2Page - Texas Instruments TAS5342LDDVR Datasheet HTML 3Page - Texas Instruments TAS5342LDDVR Datasheet HTML 4Page - Texas Instruments TAS5342LDDVR Datasheet HTML 5Page - Texas Instruments TAS5342LDDVR Datasheet HTML 6Page - Texas Instruments TAS5342LDDVR Datasheet HTML 7Page - Texas Instruments TAS5342LDDVR Datasheet HTML 8Page - Texas Instruments TAS5342LDDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
Protection MODE Selection Pins
Package Heat Dissipation Ratings
(1)
TAS5342L
SLAS558 – OCTOBER 2007
Protection modes are selected by shorting M1, M2, and M3 to VREG or GND.
MODE PINS
Mode Name
PWM Input(1)
Description
M3
M2
M1
0
0
0
BTL mode 1
2N
All protection systems enabled
0
0
1
BTL mode 2
2N
Latching shudown on, PWM activity detector and OLP disabled
0
1
0
BTL mode 3
1N
All protection systems enabled
0
1
1
PBTL mode
1N / 2N(2)
All protection systems enabled
1
0
0
SE mode 1
1N
All protection systems enabled(3)
1
0
1
SE mode 2
1N
Latching shudown on, PWM activity detector and OLP disabled(3)
1
1
0
Reserved
1
1
1
(1)
The 1N and 2N naming convention is used to indicate the number of PWM lines to the power stage per channel in a specific mode.
(2)
PWM_D is used to select between the 1N and 2N interface in PBTL mode (Low = 1N; High = 2N). PWM_D is internally pulled low in
PBTL mode. PWM_A is used as the PWM input in 1N mode and PWM_A and PWM_B are used as inputs for the 2N mode.
(3)
PPSC detection system disabled.
PARAMETER
TAS5342LDDV
RθJC (°C/W)—2 BTL or 4 SE channels
1.8
RθJC (°C/W)—1 BTL or 2 SE channel(s)
3.6
RθJC (°C/W)—1 SE channel
7.2
Power Pad area(2)
36 mm2
(1)
JC is junction-to-case, CH is case-to-heatsink.
(2)
RθCH is an important consideration. Assume a 2-mil thickness of high performance grease with a thermal conductivity at 2.5W/m-K
between the pad area and the heat sink. The RθCH with this condition is 0.6°C/W for the DDV package.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5342L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com