Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 12Page - Texas Instruments DAC5682Z Datasheet HTML 13Page - Texas Instruments DAC5682Z Datasheet HTML 14Page - Texas Instruments DAC5682Z Datasheet HTML 15Page - Texas Instruments DAC5682Z Datasheet HTML 16Page - Texas Instruments DAC5682Z Datasheet HTML 17Page - Texas Instruments DAC5682Z Datasheet HTML 18Page - Texas Instruments DAC5682Z Datasheet HTML 19Page - Texas Instruments DAC5682Z Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
www.ti.com
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
233
238
243
248
253
258
f-Frequency-MHz
CarrierPower:-8.99dBm,
ACLR(5MHz):68.22dB,
ACLR(10MHz):74.15dB,
F
=245.76MSPS,
I =Baseband,
x4Interpolation
CMIXPLL Off
data
F
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
233
238
243
248
253
258
f-Frequency-MHz
CarrierPower:-8.99dBm,
ACLR(5MHz):64.23dB,
ACLR(10MHz):71.27dB,
F
=245.76MSPS,
I =Baseband,
x4Interpolation
CMIXPLL On
data
F
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
160 165 170 175 180 185 190 195 200 205 210
f-Frequency-MHz
CarrierPower:-11.98dBm,
ACLR(5MHz):69.74dB,
ACLR(10MHz):75.41dB,
F
=491.52MSPS,
I =184.32MHz,
x2Interpolation
PLL Off
data
F
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
160 165 170 175 180 185 190 195 200 205 210
f-Frequency-MHz
CarrierPower:-11.98dBm,
ACLR(5MHz):66.16dB,
ACLR(10MHz):72.84dB,
F
=491.52MSPS,
I =184.32MHz,
x2Interpolation
PLL On
data
F
DAC5682Z
SLLS853A – AUGUST 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
Figure 17. Single Carrier W-CDMA Test Model 1
Figure 18. Single Carrier W-CDMA Test Model 1
Figure 19. Two Carrier W-CDMA Test Model 1
Figure 20. Two Carrier W-CDMA Test Model 1
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com